Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5197 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 2N5197
Description  Monolithic N-Channel JFET Duals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N5197 Datasheet(HTML) 6 Page - Vishay Siliconix

  2N5197 Datasheet HTML 1Page - Vishay Siliconix 2N5197 Datasheet HTML 2Page - Vishay Siliconix 2N5197 Datasheet HTML 3Page - Vishay Siliconix 2N5197 Datasheet HTML 4Page - Vishay Siliconix 2N5197 Datasheet HTML 5Page - Vishay Siliconix 2N5197 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2N5196/5197/5198/5199
Vishay Siliconix
www.vishay.com
8-6
Document Number: 70252
S-04031—Rev. D, 04-Jun-01
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
10
100
1 k
100 k
10 k
10
0
–12
–16
–20
–8
–4
8
6
4
2
0
VGS – Gate-Source Voltage (V)
Common-Source Input Capacitance
vs. Gate-Source Voltage
VDS = 0 V
5 V
20 V
f = 1 MHz
5
0
–12
–20
–16
–8
–4
4
3
2
1
0
Common-Source Reverse Feedback
Capacitance vs. Gate-Source Voltage
VGS – Gate-Source Voltage (V)
VDS = 0 V
5 V
15 V
f = 1 MHz
16
12
8
4
0
20
Equivalent Input Noise Voltage vs. Frequency
f – Frequency (Hz)
VDS = 20 V
ID @ 200
mA
VGS = 0 V
2.5
2.0
1.5
1.0
0.5
0
0.01
0.1
1
Output Conductance vs. Drain Current
ID – Drain Current (mA)
TA = –55_C
125
_C
0.01
0.1
1
2.5
2.0
1.5
1.0
0.5
0
Common-Source Forward Transconductance
vs. Drain Current
ID – Drain Current (mA)
TA = –55_C
125
_C
1 k
0
–3
–5
–4
–2
–1
800
600
400
200
0
10
8
6
4
2
0
On-Resistance and Output Conductance
vs. Gate-Source Cutoff Voltage
VGS(off) – Gate-Source Cutoff Voltage (V)
rDS @ ID = 100 mA, VGS = 0 V
gos @ VDS = 20 V, VGS = 0 V, f = 1 kHz
rDS
gos
25
_C
25
_C
VGS(off) = –2 V
VDS = 20 V
f = 1 kHz
VGS(off) = –2 V
VDS = 20 V
f = 1 kHz
15 V
20 V


Similar Part No. - 2N5197

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
2N5197 INTERSIL-2N5197 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N5197 NJSEMI-2N5197 Datasheet
169Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFETS
logo
InterFET Corporation
2N5197 INTERFET-2N5197 Datasheet
418Kb / 1P
   N-Channel Dual Silicon Junction Field-Effect Transistor
More results

Similar Description - 2N5197

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SST5198NL VISHAY-SST5198NL Datasheet
73Kb / 6P
   Monolithic N-Channel JFET Duals
Rev. B, 11-Mar-03
2N5545JANTX VISHAY-2N5545JANTX Datasheet
51Kb / 5P
   Monolithic N-Channel JFET Duals
Rev. C, 04-Jun-01
logo
Micross Components
LS840_PDIP MICROSS-LS840_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS841_PDIP MICROSS-LS841_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS842_TO-78 MICROSS-LS842_TO-78 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS833_PDIP MICROSS-LS833_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS833_TO-71 MICROSS-LS833_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS840_SOIC MICROSS-LS840_SOIC Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS840_TO-71 MICROSS-LS840_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS844_TO-71 MICROSS-LS844_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com