Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR78L05C Datasheet(PDF) 11 Page - Zetex Semiconductors

Part # ZR78L05C
Description  2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZR78L05C Datasheet(HTML) 11 Page - Zetex Semiconductors

Back Button ZR78L05C Datasheet HTML 7Page - Zetex Semiconductors ZR78L05C Datasheet HTML 8Page - Zetex Semiconductors ZR78L05C Datasheet HTML 9Page - Zetex Semiconductors ZR78L05C Datasheet HTML 10Page - Zetex Semiconductors ZR78L05C Datasheet HTML 11Page - Zetex Semiconductors ZR78L05C Datasheet HTML 12Page - Zetex Semiconductors ZR78L05C Datasheet HTML 13Page - Zetex Semiconductors ZR78L05C Datasheet HTML 14Page - Zetex Semiconductors ZR78L05C Datasheet HTML 15Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TYPICAL CHARACTERISTICS
1m
10m 100m
10
1
0
8
16
24
32
40
48
D=0
D=0.05
D=0.1
D=0.2
D=0.5
D=1
Pulse Width(s)
Thermal Resistance v Pulse Width
Thermal Resistance v Pulse Width
SOT223 PACKAGE
010
20
30
40
50
-1.0
-0.5
0
+0.5
OUTPUT VOLTAGE
DEVIATION
Time (us)
Line Transient Response
INPUT VOLTAGE
IO = 100mA
COUT = 0
dVIN /dt = 5V/
µs
(V + 9)
(V + 4)
O
O
010
20
30
40
50
-1.0
-0.5
0
+0.5
0
OUTPUT VOLTAGE
DEVIATION
LOAD CURRENT
Time (us)
Load Transient Response
V IN = Vo+ 4V
COUT= 0
dIo /dt = 1A/
µs
100 mA
0
10
20
30
40
50
60
70
80
90
10
100
1K
10K
100K
Ripple Frequency (Hz)
Io = 100mA
Vin = Vout + 3V
Vin = 200mV p/p
Output Impedance vs. Frequency
Ripple Rejection vs. Ripple Frequency
Pulse Width (s)
0
20
40
60
80
100
120
140
160
D=0
D=0.05
D=0.1
D=0.2
D=0.5
D=1
TO92 PACKAGE
10m
100m
10
1m
1
0
100
1K
10K
100K
10
1.0
0.1
0.01
Frequency (Hz)
Io = 100mA
VIN = VOUT+ 4V
ZR78L09
ZR78L057
ZR78L04
ZR78L028
ZR78L03
ZR78L028
ZR78L03
ZR78L04
ZR78L09
ZR78L057
ZR78L028
ZR78L03
ZR78L04
ZR78L057
ZR78L09
ZR78L
SERIES


Similar Part No. - ZR78L05C

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR78L05 ZETEX-ZR78L05 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZR78L05 DIODES-ZR78L05 Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZR78L052 ZETEX-ZR78L052 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZR78L052 DIODES-ZR78L052 Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZR78L057 ZETEX-ZR78L057 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
More results

Similar Description - ZR78L05C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR Datasheet
421Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR300CSTZ ZETEX-ZSR300CSTZ Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
logo
Diodes Incorporated
ZSR300GTA DIODES-ZSR300GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR DIODES-ZSR Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSAT600 DIODES-ZSAT600 Datasheet
86Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com