Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUFC2A331S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUFC2A331S
Description  Radial Lead Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC2A331S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUFC2A331S Datasheet HTML 1Page - Panasonic Semiconductor EEUFC2A331S Datasheet HTML 2Page - Panasonic Semiconductor EEUFC2A331S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC2A331S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC2A331S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC2A331S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC2A331S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC2A331S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC2A331S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
010 <
Sleeve
14 min.
3 min.
L
Pressure relief
06.3 <
✽L < 16 : L±1.0 (✽08×15, 016×15, 018×15 : L±1.5)
L
> 20 : L±2.0
+
< 08
0D±0.5
0D±0.5
Endurance : 105 °C 1000 h to 5000 h
Low impedance
RoHS compliant
Features
Radial Lead Type
Series : FC Type : A
Category temperature range
–55 °C to +105 °C
Rated voltage range
6.3 V.DC to 100 V.DC
Capacitance range
2.2 µF to 15000 µF
Capacitance tolerance
±20 % (120 Hz/+20 °C)
Leakage current
I
< 0.01 CV or 3 (µA) After 2 minutes (Whichever is greater)
Dissipation factor
(tan d)
V.DC
6.3
10
16
25
35
50
63
100
(120 Hz/+20 °C)
tan
d
0.22
0.19
0.16
0.14
0.12
0.10
0.08
0.07
For capacitance value
> 1000 µF, add 0.02 per every 1000 µF.
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied (The sum of DC
and ripple peak voltage shall not exceed the rated working voltage) when the capacitors are restored to
20 °C, the capacitors shall meet the limits specified bellow.
Duration :
04 to 06.3 : 1000 hours, 08 : 2000 hours , 010 : 3000 hours , 012.5 to 018 : 5000 hours
Capacitance change
Within ±20 % of the initial value
tan
d
< 200 % of the initial limit
DC leakage current
Within the initial limit
Shelf life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
AEC-Q200
AEC-Q200 compliant
Rated voltage (V.DC)
Capacitance (µF)
Frequency (Hz)
60
120
1 k
10 k
100 k
6.3 to 100
2.2 to
330
0.55
0.65
0.85
0.90
1.00
390
to
1000
0.70
0.75
0.90
0.95
1.00
1200
to
2200
0.75
0.80
0.90
0.95
1.00
2700
to
15000
0.80
0.85
0.95
1.00
1.00
L > 11
L=7
0D
4
5
6.3
8
10
12.5
16
18
4
5
6.3
L
15 to 25 30 to 40
0d
0.45
0.5
0.5
0.6
0.6
0.6
0.8
0.8
0.8
0.45
0.45
0.45
F
1.5
2.0
2.5
3.5
5.0
5.0
5.0
7.5
7.5
1.5
2.0
2.5
(Unit : mm)
Frequency correction factor for ripple current
Dimensions
Specifications
Mar. 2016
08


Similar Part No. - EEUFC2A331S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFC2A331S PANASONIC-EEUFC2A331S Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC2A331S PANASONIC-EEUFC2A331S Datasheet
620Kb / 17P
   Aluminum Electrolytic Capacitors
20-Dec-19
More results

Similar Description - EEUFC2A331S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
   Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
   Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
   Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
   Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
   Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
   Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
   Radial Lead Type
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
   Radial Lead Type
logo
Panasonic Battery Group
EEUFR0J151 PANASONICBATTERY-EEUFR0J151 Datasheet
131Kb / 6P
   Radial Lead Type
Mar. 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com