Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL60212TDD Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # ZL60212TDD
Description  880 nm High-Performance Single-chip DUPLEX
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60212TDD Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

  ZL60212TDD Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60212TDD Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60212TDD Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60212TDD Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60212TDD Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60212TDD Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60212TDD Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively “Zarlink”) is believed to be reliable.
However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such
information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or
use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual
property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in
certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink.
This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part
of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other
information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the
capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute
any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user’s responsibility to fully determine the performance and
suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does
not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in
significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink’s conditions of sale which are available on request.
Purchase of Zarlink’s I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system
conforms to the I2C Standard Specification as defined by Philips.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE
For more information about all Zarlink products
visit our Web Site at


Similar Part No. - ZL60212TDD

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60214 ZARLINK-ZL60214 Datasheet
131Kb / 3P
   Video IP Surveillance 10/100 Mbps Control Room 14-Port UTP-to-Fiber Converter
ZL60214BADA ZARLINK-ZL60214BADA Datasheet
131Kb / 3P
   Video IP Surveillance 10/100 Mbps Control Room 14-Port UTP-to-Fiber Converter
More results

Similar Description - ZL60212TDD

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
SFH4580 SIEMENS-SFH4580 Datasheet
60Kb / 6P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH484 SIEMENS-SFH484 Datasheet
48Kb / 5P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH485P SIEMENS-SFH485P Datasheet
45Kb / 4P
   GaAIAs Infrared Emitter (880 nm)
logo
OSRAM GmbH
SFH484 OSRAM-SFH484_10 Datasheet
155Kb / 10P
   GaAlAs-IR-Lumineszenzdioden (880 nm)
SFH485P OSRAM-SFH485P Datasheet
187Kb / 13P
   GaAlAs Infrared Emitter (880 nm)
SFH487 OSRAM-SFH487 Datasheet
191Kb / 13P
   GaAlAs Infrared Emitter (880 nm)
SFH487P OSRAM-SFH487P Datasheet
141Kb / 8P
   GaAIAs-IR-Lumineszenzdiode (880 nm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com