Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL30407QCC1 Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # ZL30407QCC1
Description  SONET/SDH Network Element PLL
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30407QCC1 Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button ZL30407QCC1 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL30407QCC1 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL30407QCC1 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL30407QCC1 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL30407QCC1 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30407QCC1 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL30407QCC1 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL30407QCC1 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL30407QCC1 Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
ZL30407
Data Sheet
8
Zarlink Semiconductor Inc.
20
F8o
Frame Pulse ST-BUS/GCI 8.192 Mbps (CMOS tristate output). This is an 8
kHz, 122 ns, active high framing pulse, which marks the beginning of a
ST-BUS/GCI frame. This is typically used for ST-BUS/GCI operation at 8.192
Mbps. See Figure 18 for details.
21
E3DS3/OC3
E3DS3 or OC3 Selection (Input). In Hardware Control, a logic low on this pin
enables the C155P/N outputs (pin 30 and pin 31) and sets the C34/C44 output
(pin 53) to provide C8 or C11 clocks. Logic high at this input disables the C155
clock outputs (high impedance) and sets C34/C44 output to provide C34 and
C44 clocks. In Software Control connect this pin to ground.
22
E3/DS3
E3 or DS3 Selection (Input). In Hardware Control, when the E3DS3/OC3 pin
is set high, logic low on E3/DS3 pin selects a 44.736 MHz clock on C34/C44
output and logic high selects 34.368 MHz clock. When E3DS3/OC3 pin is set
low, logic low on E3/DS3 pin selects 11.184 MHz clock on C34/C44 output and
logic high selects 8.592 MHz clock. Connect this input to ground in Software
Control.
23
SEC
Secondary Reference (Input). This input is used as a secondary reference
source for synchronization. The ZL30407 can synchronize to the falling edge
of the 8 kHz, 1.544 MHz or 2.048 MHz clocks and the rising edge of the 19.44
MHz clock. In Hardware Control, selection of the input reference is based upon
the RefSel control input. This pin is internally pulled up to VDD.
24
PRI
Primary Reference (Input). This input is used as a primary reference source
for synchronization. The ZL30407 can synchronize to the falling edge of the 8
kHz, 1.544 MHz or 2.048 MHz clocks and the rising edge of the 19.44 MHz
clock. In Hardware Control, selection of the input reference is based upon the
RefSel control input. This pin is internally pulled up to VDD.
25
GND
Ground
26
IC
Internal Connection. Leave unconnected.
27
GND
Ground
28
AVDD
Positive Analog Power Supply. Connect this pin to VDD.
29
VDD
Positive Power Supply
30
31
C155N
C155P
Clock 155.52 MHz (LVDS output). Differential outputs for the 155.52 MHz
clock. These outputs are enabled by applying logic low to E3DS3/OC3 input or
they can be disabled by applying logic high. In the disabled state the LVDS
outputs are internally terminated with an integrated 100
Ω resistor (two 50Ω
resistors connected in series). The middle point of these resistors is internally
biased from a 1.25 V LVDS bias source.
32
GND
Ground
33
NC
No internal bonding Connection. Leave unconnected.
Pin Description (continued)
Pin #
Name
Description


Similar Part No. - ZL30407QCC1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30407QCC ZARLINK-ZL30407QCC Datasheet
605Kb / 57P
   SONET/SDH Network Element PLL
More results

Similar Description - ZL30407QCC1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30407 ZARLINK-ZL30407_06 Datasheet
605Kb / 57P
   SONET/SDH Network Element PLL
ZL30402 ZARLINK-ZL30402 Datasheet
629Kb / 41P
   SONET/SDH Network Element PLL
ZL30402 ZARLINK-ZL30402_06 Datasheet
470Kb / 44P
   SONET/SDH Network Element PLL
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416_06 Datasheet
871Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415_06 Datasheet
404Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30406 ZARLINK-ZL30406 Datasheet
307Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30108 ZARLINK-ZL30108_06 Datasheet
309Kb / 28P
   SONET/SDH Network Interface DPLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com