Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUFC1V151 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EEUFC1V151
Description  Radial Lead Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1V151 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EEUFC1V151 Datasheet HTML 1Page - Panasonic Semiconductor EEUFC1V151 Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1V151 Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1V151 Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1V151 Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1V151 Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1V151 Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1V151 Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1V151 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Specification
Lead length (mm)
Part No.
Min. Packaging Q'ty
0DL
Ripple
current
(100 kHz)
(+105 °C)
(mA r.m.s.)
Impedance
(100 kHz)
(+20 °C)
(
Ω)
Endurance
(hours)
Lead
dia.
0d
Lead space
Straight
leads
(pcs)
Taping
(pcs)
Straight
Taping
✽B
Taping
✽H
16
15
4
7
65
2.000
1000
0.45
1.5
5.0
2.5
EEAFC1C150( )
200
2000
27
5
7
120
0.950
1000
0.45
2.0
5.0
2.5
EEAFC1C270( )
200
2000
47
5
11
175
0.800
1000
0.50
2.0
5.0
2.5
EEUFC1C470( )
200
2000
56
5
11
175
0.800
1000
0.50
2.0
5.0
2.5
EEUFC1C560( )
200
2000
6.3
7
200
0.450
1000
0.45
2.5
5.0
2.5
EEAFC1C560( )
200
2000
68
5
11
175
0.800
1000
0.50
2.0
5.0
2.5
EEUFC1C680( )
200
2000
100
6.3
11.2
290
0.350
1000
0.50
2.5
5.0
2.5
EEUFC1C101( )
200
2000
120
6.3
11.2
290
0.350
1000
0.50
2.5
5.0
2.5
EEUFC1C121( )
200
2000
220
8
11.5
555
0.117
2000
0.60
3.5
5.0
EEUFC1C221( )
200
1000
270
8
11.5
555
0.117
2000
0.60
3.5
5.0
EEUFC1C271( )
200
1000
330
8
11.5
555
0.117
2000
0.60
3.5
5.0
EEUFC1C331( )
200
1000
390
10
12.5
755
0.090
3000
0.60
5.0
5.0
EEUFC1C391( )
200
500
470
8
15
730
0.085
2000
0.60
3.5
5.0
EEUFC1C471L( )
200
1000
10
12.5
755
0.090
3000
0.60
5.0
5.0
EEUFC1C471( )
200
500
560
10
16
1050
0.068
3000
0.60
5.0
5.0
EEUFC1C561( )
200
500
680
8
20
995
0.065
2000
0.60
3.5
5.0
EEUFC1C681L( )
200
1000
10
16
1050
0.068
3000
0.60
5.0
5.0
EEUFC1C681( )
200
500
820
10
20
1220
0.052
3000
0.60
5.0
5.0
EEUFC1C821( )
200
500
12.5
15
1205
0.065
5000
0.60
5.0
5.0
EEUFC1C821S( )
200
500
1000
10
20
1220
0.052
3000
0.60
5.0
5.0
EEUFC1C102S( )
200
500
10
25
1440
0.045
3000
0.60
5.0
5.0
EEUFC1C102( )
200
500
1200
10
25
1440
0.045
3000
0.60
5.0
5.0
EEUFC1C122( )
200
500
16
15
1690
0.043
5000
0.80
7.5
7.5
EEUFC1C122S( )
100
250
1500
10
30
1815
0.035
3000
0.60
5.0
EEUFC1C152L
100
12.5
20
1655
0.038
5000
0.60
5.0
5.0
EEUFC1C152( )
200
500
16
15
1690
0.043
5000
0.80
7.5
7.5
EEUFC1C152S( )
100
250
1800
12.5
25
1945
0.030
5000
0.60
5.0
5.0
EEUFC1C182( )
200
500
18
15
2000
0.038
5000
0.80
7.5
7.5
EEUFC1C182S( )
100
250
2200
12.5
25
1945
0.030
5000
0.60
5.0
5.0
EEUFC1C222( )
200
500
16
20
2205
0.029
5000
0.80
7.5
7.5
EEUFC1C222S( )
100
250
2700
12.5
30
2310
0.025
5000
0.80
5.0
EEUFC1C272L
100
16
20
2205
0.029
5000
0.80
7.5
7.5
EEUFC1C272( )
100
250
3300
12.5
35
2510
0.022
5000
0.80
5.0
EEUFC1C332
100
18
20
2490
0.028
5000
0.80
7.5
7.5
EEUFC1C332S( )
100
250
3900
16
25
2555
0.022
5000
0.80
7.5
7.5
EEUFC1C392( )
100
250
18
20
2490
0.028
5000
0.80
7.5
7.5
EEUFC1C392S( )
100
250
4700
16
31.5
3010
0.018
5000
0.80
7.5
EEUFC1C472
100
18
25
2740
0.020
5000
0.80
7.5
7.5
EEUFC1C472S( )
100
250
5600
16
35.5
3150
0.016
5000
0.80
7.5
EEUFC1C562L
100
18
31.5
3635
0.016
5000
0.80
7.5
EEUFC1C562
50
6800
16
40
3360
0.015
5000
0.80
7.5
EEUFC1C682
100
8200
18
35.5
3680
0.015
5000
0.80
7.5
EEUFC1C822
50
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping dimensions”.
Characteristics list
Endurance : 105 °C
04 to 06.3=1000 h, 08=2000 h, 010=3000 h, 012.5 to 018=5000 h
Mar. 2016
08


Similar Part No. - EEUFC1V151

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFC1V151 PANASONIC-EEUFC1V151 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC1V151 PANASONIC-EEUFC1V151 Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1V151 PANASONIC-EEUFC1V151 Datasheet
125Kb / 10P
   Aluminum Electrolytic Capacitors/FC
EEUFC1V151B PANASONIC-EEUFC1V151B Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC1V151H PANASONIC-EEUFC1V151H Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
More results

Similar Description - EEUFC1V151

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
   Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
   Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
   Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
   Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
   Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
   Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
   Radial Lead Type
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
   Radial Lead Type
logo
Panasonic Battery Group
EEUFR0J151 PANASONICBATTERY-EEUFR0J151 Datasheet
131Kb / 6P
   Radial Lead Type
Mar. 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com