Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1839100510402R Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MKP1839100510402R
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1839100510402R Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MKP1839100510402R Datasheet HTML 4Page - Vishay Siliconix MKP1839100510402R Datasheet HTML 5Page - Vishay Siliconix MKP1839100510402R Datasheet HTML 6Page - Vishay Siliconix MKP1839100510402R Datasheet HTML 7Page - Vishay Siliconix MKP1839100510402R Datasheet HTML 8Page - Vishay Siliconix MKP1839100510402R Datasheet HTML 9Page - Vishay Siliconix MKP1839100510402R Datasheet HTML 10Page - Vishay Siliconix MKP1839100510402R Datasheet HTML 11Page - Vishay Siliconix MKP1839100510402R Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MKP1839
www.vishay.com
Vishay Roederstein
Revision: 10-Dec-13
11
Document Number: 26022
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUB-GROUP C3
4.12
Endurance DC
Duration: 2000 h
1.25 x URDC at 85 °C
0.875 x URDC at 100 °C
4.12.1 Initial measurements
Capacitance
Tangent of loss angle:
For C
 1 μF at 10 kHz
For C > 1 μF at 1 kHz
4.12.5 Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
C/C|  3 % compared to values measured
in 4.12.1
Tangent of loss angle
Increase of tan
 0.002
Compared to values measured in 4.12.1
Insulation resistance
 50 % of values specified in section
“Insulation Resistance” of this specification
SUB-GROUP C4
4.2.6
Temperature characteristics
Initial measurement
Intermediate
Intermediate measurements
Capacitance
Capacitance at lower category temperature
Capacitance at 20 °C
Capacitance at upper category temperature
For - 55 °C to + 20 °C:
0 %
 |C/C|  2 % or
for 20 °C to 85 °C:
- 3 %
 |C/C|  0 %
Final measurements
Capacitance
Tangent of loss angle:
For C
 1 μF at 10 kHz
For C > 1 μF at 1 kHz
As specified in section “Capacitance” of this
specification
Insulation resistance
As specified in section “Insulation
Resistance” of this specification
4.13
Charge and discharge
10 000 cycles
Charged to URDC
Discharge resistance:
4.13.1 Initial measurements
Capacitance
Tangent of loss angle at 100 kHz
4.13.3 Final measurements
Capacitance
|
C/C|  3 % of the value measured in 4.13.1
Tangent of loss angle
Increase of tan
 0.003
Compared to values measured in 4.13.1
Insulation resistance
 50 % of values specified in section
“Insulation Resistance” of this specification
GROUP C INSPECTION REQUIREMENTS
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
R
U
RDC
2.5 x C dU/dt

------------------------------------------
=


Similar Part No. - MKP1839100510402R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839 VISHAY-MKP1839 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839-422-403-G VISHAY-MKP1839-422-403-G Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839-422-403-R VISHAY-MKP1839-422-403-R Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839-522-403 VISHAY-MKP1839-522-403 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
More results

Similar Description - MKP1839100510402R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com