Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZDC833 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZDC833
Description  SILICON 28V HYPERABRUPT VARACTOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZDC833 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZDC833 Datasheet HTML 1Page - Zetex Semiconductors ZDC833 Datasheet HTML 2Page - Zetex Semiconductors ZDC833 Datasheet HTML 3Page - Zetex Semiconductors ZDC833 Datasheet HTML 4Page - Zetex Semiconductors ZDC833 Datasheet HTML 5Page - Zetex Semiconductors ZDC833 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
830 SERIES
SEMICO NDUC TORS
ISSUE 8 - MARCH 2005
2
PART
Capacitance (pF)
VR=2V, f=1MHz
Min Q
VR=3V
f=50MHz
Capacitance Ratio
C2 /C20
at f=1MHz
MIN.
NOM.
MAX.
MIN.
MAX.
829A
7.38
8.2
9.02
250
4.3
5.8
829B
7.79
8.2
8.61
250
4.3
5.8
830A
9.0
10.0
11.0
300
4.5
6.0
830B
9.5
10.0
10.5
300
4.5
6.0
831A
13.5
15.0
16.5
300
4.5
6.0
831B
14.25
15.0
15.75
300
4.5
6.0
832A
19.8
22.0
24.2
200
5.0
6.5
832B
20.9
22.0
23.1
200
5.0
6.5
833A
29.7
33.0
36.3
200
5.0
6.5
833B
31.35
33.0
34.65
200
5.0
6.5
834A
42.3
47.0
51.7
200
5.0
6.5
834B
44.65
47.0
49.35
200
5.0
6.5
835A
61.2
68.0
74.8
100
5.0
6.5
835B
64.6
68.0
71.4
100
5.0
6.5
836A
90.0
100.0
110.0
100
5.0
6.5
TUNING CHARACTERISTICS at Tamb = 25
°C
PARAMETER
SYMBOL
MAX
UNIT
Forward current
IF
200
mA
Power dissipation at Tamb =25 C SOT23
Ptot
330
mW
Power dissipation at Tamb =25 C SOD323
Ptot
330
mW
Power dissipation at Tamb =25 C SOD523
Ptot
250
mW
Operating and storage temperature range
-55 to +150
C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
IR = 10uA
25
V
Reverse voltage leakage
VR = 20V
0.2
20
nA
Temperature coefficient of capacitance
VR = 3V, f = 1MHz
300
400
ppCm/ C
ELECTRICAL CHARACTERISTICS at Tamb = 25
°C


Similar Part No. - ZDC833

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZDC833 ZETEX-ZDC833 Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZDC833 ZETEX-ZDC833 Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZDC833 ZETEX-ZDC833 Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
ZDC833A ZETEX-ZDC833A Datasheet
154Kb / 2P
   SOT23 SILICON DUAL VARIABLE CAPACITANCE DIODE
ZDC833A-C2A ZETEX-ZDC833A-C2A Datasheet
154Kb / 2P
   SOT23 SILICON DUAL VARIABLE CAPACITANCE DIODE
More results

Similar Description - ZDC833

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMV829ATA ZETEX-ZMV829ATA Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
ZV831 ZETEX-ZV831 Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC930 ZETEX-ZC930_07 Datasheet
75Kb / 7P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Microsemi Corporation
MV30011 MICROSEMI-MV30011 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
logo
M/A-COM Technology Solu...
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com