Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0732520091 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0732520091
Description  50 Ohms, Precision Test Connector, 2.92mm PCB Jack, Field Replaceable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0732520091 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0732520091 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/28/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0732520091
Status:
Active
Overview:
Precision Compression-Mount Microwave Test Connectors
Description:
50 Ohms, Precision Test Connector, 2.92mm PCB Jack, Field Replaceable, 2 Hole
Flange, with 2 Screws 6.35mm, PCB Thickness 1.78-4.19mm
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73252
Overview
Precision Compression-Mount Microwave Test
Connectors
Product Name
2.92mm
Style
PCB
UPC
884982956025
Wire/Cable Type
N/A
Physical
Cable Attachment
N/A
Gender
Jack
Keying to Mating Part
None
Net Weight
1.888/g
Orientation
Straight
PCB Mounting
Surface Mount
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
Compression
Reverse Polar
No
Electrical
Impedance
50#
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73252-009
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per
-ED/79/2015 (17
December 2015)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73252 Series
This document was generated on 06/28/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0732520091

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0732520091 MOLEX-0732520091_V01 Datasheet
46Kb / 1P
   50 Ohms, Precision Test Connector, 2.92mm PCB Jack, Field Replaceable, 2 Hole Flange, with 2 Screws 6.35mm, PCB Thickness 1.78-4.19mm
More results

Similar Description - 0732520091

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73252-0091 MOLEX11-73252-0091 Datasheet
35Kb / 1P
   50 Ohms, Precision Test Connector, 2.92mm PCB Jack, Field Replaceable
73252-0092 MOLEX11-73252-0092 Datasheet
34Kb / 1P
   50 Ohms, Precision Test Connector, 2.92mm PCB Jack, Field Replaceable
73252-0090 MOLEX11-73252-0090 Datasheet
35Kb / 1P
   50 Ohms, Precision Test Connector, 2.92mm PCB Jack, Field Replaceable
0732520090 MOLEX11-0732520090 Datasheet
56Kb / 1P
   50 Ohms, Precision Test Connector, 2.92mm PCB Jack, Field Replaceable
0732520092 MOLEX11-0732520092 Datasheet
56Kb / 1P
   50 Ohms, Precision Test Connector, 2.92mm PCB Jack, Field Replaceable
0732520092 MOLEX-0732520092_V01 Datasheet
45Kb / 1P
   50 Ohms, Precision Test Connector, 2.92mm PCB Jack, Field Replaceable, 2 Hole Flange, without Screws
73252-0160 MOLEX11-73252-0160 Datasheet
35Kb / 1P
   50 Ohms, Precision Test Connector, 2.92mm PCB Jack, Compression Mount
0732520091 MOLEX-0732520091_V01 Datasheet
46Kb / 1P
   50 Ohms, Precision Test Connector, 2.92mm PCB Jack, Field Replaceable, 2 Hole Flange, with 2 Screws 6.35mm, PCB Thickness 1.78-4.19mm
0732520090 MOLEX-0732520090_V01 Datasheet
46Kb / 1P
   50 Ohms, Precision Test Connector, 2.92mm PCB Jack, Field Replaceable, 2 Hole Flange, with 2 Screws 4.76mm, PCB Thickness 0.76-2.44mm
0732520160 MOLEX11-0732520160 Datasheet
56Kb / 1P
   50 Ohms, Precision Test Connector, 2.92mm PCB Jack, Compression Mount, with Slot, without Screws
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com