Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR-2209CN Datasheet(PDF) 10 Page - Exar Corporation

Part # XR-2209CN
Description  Voltage-Controlled Oscillator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2209CN Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR-2209CN Datasheet HTML 6Page - Exar Corporation XR-2209CN Datasheet HTML 7Page - Exar Corporation XR-2209CN Datasheet HTML 8Page - Exar Corporation XR-2209CN Datasheet HTML 9Page - Exar Corporation XR-2209CN Datasheet HTML 10Page - Exar Corporation XR-2209CN Datasheet HTML 11Page - Exar Corporation XR-2209CN Datasheet HTML 12Page - Exar Corporation XR-2209CN Datasheet HTML 13Page - Exar Corporation XR-2209CN Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
XR-2209
10
Rev. 2.02
MODES OF OPERATION
Split Supply Operation
Figure 12 is the recommended configuration for split
supply operation. Diode D1 in the figure assures that the
triangle output swing at pin 8 is symmetrical about
ground. The circuit operates with supply voltages ranging
from
$4V to $13V. Minimum drift occurs with $6V
supplies. For operation with unequal supply voltages, see
Figure 5.
With the generalized circuit of
Figure 12, the frequency of
operation is determined by the timing capacitor, C, and
the timing resistor.
The squarewave output is obtained at pin 7 and has a
peak-to-peak voltage swing equal to the supply voltages.
This output is an “open-collector” type and requires an
external pull-up load resistor (nominally 5k
W) to the
positive supply. The triangle waveform obtained at pin 8 is
centered about ground and has a peak amplitude of
VCC/2.
RL
Square Wave
Output
Triangle Wave
C
1
mF
TR
4
6
BIAS
5
TWO
8
SWO
7
C2
3
C1
2
1
XR-2209
R
Output
1
mF
10K
D1
1
mF
Figure 12. Split-Supply Operation, Recommended Configuration
VCC
VCC
VEE
VCC
VEE
VEE


Similar Part No. - XR-2209CN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2206 EXAR-XR-2206 Datasheet
191Kb / 16P
   Monolithic Function Generator
XR-2206 EXAR-XR-2206 Datasheet
153Kb / 16P
   Monolithic Function Generator
XR-2206CP EXAR-XR-2206CP Datasheet
191Kb / 16P
   Monolithic Function Generator
XR-2206CP EXAR-XR-2206CP Datasheet
153Kb / 16P
   Monolithic Function Generator
XR-2206D EXAR-XR-2206D Datasheet
191Kb / 16P
   Monolithic Function Generator
More results

Similar Description - XR-2209CN

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com