Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP31D0U Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP31D0U
Description  Low Gate Threshold Voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP31D0U Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP31D0U Datasheet HTML 1Page - Diodes Incorporated DMP31D0U Datasheet HTML 2Page - Diodes Incorporated DMP31D0U Datasheet HTML 3Page - Diodes Incorporated DMP31D0U Datasheet HTML 4Page - Diodes Incorporated DMP31D0U Datasheet HTML 5Page - Diodes Incorporated DMP31D0U Datasheet HTML 6Page - Diodes Incorporated DMP31D0U Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP31D0U
Datasheet number: DS35754 Rev. 2 - 2
2 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMP31D0U
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current
Steady
State
TA = +25°C (Note 6)
TA = +85°C (Note 6)
TA = +25°C (Note 5)
ID
-0.67
-0.48
-0.53
A
Pulsed Drain Current (Note 7)
IDM
2.5
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
0.45
W
(Note 6)
0.71
W
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
275
°C/W
(Note 6)
177
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout
6.
Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. Copper, single sided.
7. Device mounted on minimum recommended pad layout test board, 10µs pulse duty cycle = 1%.
0.001
0.01
0.1
1
10
100
1,000
T1, PULSE DURATION SECTION (sec)
Fig. 1 Single Maximum Power Dissipation
0
10
20
30
40
50
60
70
80
90
100
Single Pulse
Rthja = 176C/W
Rthja(t) = Rthja*r(t)
T - T = P*Rthja (t)
JA
0.000001 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
R
(t) = r(t)*R
R
= 176C/W
Duty Cycle, D = t1/t2

JA
JA
JA
t1, PULSE DURATION TIME (sec)
Fig. 2 Transient Thermal Resistance
0.001
0.01
0.1
1
r(t) @ D=Single Pulse
r(t) @ D=0.005
r(t) @ D=0.01
r(t) @ D=0.01
r(t) @ D=0.05
r(t) @ D=0.1
r(t) @ D=0.3
r(t) @ D=0.5
r(t) @ D=0.7
r(t) @ D=0.9


Similar Part No. - DMP31D0U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP31D0UFB4 DIODES-DMP31D0UFB4 Datasheet
478Kb / 7P
   Low Gate Threshold Voltage
DMP31D0UFB4-7B DIODES-DMP31D0UFB4-7B Datasheet
478Kb / 7P
   Low Gate Threshold Voltage
DMP31D0UFB4 DIODES-DMP31D0UFB4_15 Datasheet
225Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP31D0U DIODES-DMP31D0U_15 Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP31D0U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP25H18DLFDE DIODES-DMP25H18DLFDE Datasheet
247Kb / 7P
   Low Gate Threshold Voltage
DMN3016LFDE DIODES-DMN3016LFDE Datasheet
265Kb / 6P
   Low Gate Threshold Voltage
DMP31D0UFB4 DIODES-DMP31D0UFB4 Datasheet
478Kb / 7P
   Low Gate Threshold Voltage
DMN4020LFDE DIODES-DMN4020LFDE Datasheet
290Kb / 6P
   Low Gate Threshold Voltage
DMN1150UFL3 DIODES-DMN1150UFL3 Datasheet
661Kb / 7P
   Low Gate Threshold Voltage
DMN2011UFDE DIODES-DMN2011UFDE Datasheet
344Kb / 7P
   Low Gate Threshold Voltage
DMN24H11DS DIODES-DMN24H11DS Datasheet
395Kb / 6P
   Low Gate Threshold Voltage
DMN2022UFDF DIODES-DMN2022UFDF Datasheet
313Kb / 6P
   Low Gate Threshold Voltage
DMN10H700S DIODES-DMN10H700S Datasheet
401Kb / 7P
   Low Gate Threshold Voltage
DMP2021UFDF DIODES-DMP2021UFDF Datasheet
295Kb / 7P
   Low Gate Threshold Voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com