Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS3922-015LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SMS3922-015LF
Description  Surface Mount General Purpose Schottky Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMS3922-015LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SMS3922-015LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMS3922-015LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMS3922-015LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMS3922-015LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMS3922-015LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMS3922-015LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMS3922-015LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMS3922-015LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMS3922-015LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DATA SHEET • SMS392x SCHOTTKY DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
August 6, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200042AA
Table 1. SMS392x Series Packaging and Marking
Single
Single
Series Pair
Unconnected Pair
Dual Series Pair
Single
SC-79
Green™
SOT-23
SC-70
SOT-143
SC-88
Green™
SOD-882
Green™
SMS3922-001
Marking: SA1
SMS3922-079LF
Marking: Cathode and S3
SMS3922-001LF
Green™
Marking: XA1
SMS3922-015LF
Marking: XA7
SMS3922-040LF
Marking: V
SMS3923-040LF
Marking: X
SMS3923-079LF
Marking: Cathode and S4
SMS3923-081LF
Marking: XBQ
SMS3924-079LF
Marking: Cathode and S5
SMS3924-075
Marking: SC2
SMS3924-015
Marking: SC7
SMS3924-075LF
Green™
Marking: XC2
SMS3924-015LF
Marking: XC7
SMS3924-040LF
Marking: 1
LS = 0.7 nH
LS = 1.5 nH
LS = 1.4 nH
LS = 1.4 nH
LS = 1.8 nH
LS = 0.45 nH
The Pb-free symbol or “LF” in the part number denotes a lead-free, RoHS-compliant package unless otherwise noted as Green™. Tin/lead (Sn/Pb) packaging is not
recommended for new designs.
Electrical and Mechanical Specifications
The absolute maximum ratings of the SMS392x series are
provided in Table 2. Electrical specifications are provided in
Table 3. The associated SPICE model parameters are provided in
Table 4.
A pinout and equivalent circuit diagram for the dual series pair
Schottky diode (SMS3923-081LF) is shown in Figure 1. Typical
performance characteristics of the SMS392x series are illustrated
in Figures 2 to 6.
Package Dimensions
Package dimensions are shown in Figures 7 to 17 (odd numbers),
and tape and reel dimensions are provided in Figures 8 to 18
(even numbers).
Package and Handling Information
Instructions on the shipping container label regarding exposure to
moisture after the container seal is broken must be followed.
Otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SMS392x series is rated to Moisture Sensitivity Level 1
(MSL1) at 260
C for five seconds. It can be used for lead or lead-
free soldering. For additional information, refer to the Skyworks
Application Note, Solder Reflow Information, document number
200164. Care must be taken when attaching this product,
whether it is done manually or in a production solder reflow
environment. Production quantities of this product are shipped in
a standard tape and reel format.


Similar Part No. - SMS3922-015LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMS3925-040LF SKYWORKS-SMS3925-040LF Datasheet
279Kb / 5P
   Low Capacitance, High Voltage Schottky Diode
logo
Alpha Industries
SMS3925-079 ALPHA-SMS3925-079 Datasheet
303Kb / 2P
   Low Capacitance High Voltage Schottky Diode
logo
Skyworks Solutions Inc.
SMS3925-079 SKYWORKS-SMS3925-079 Datasheet
127Kb / 3P
   Low Capacitance, High-Voltage Schottky Diode
SMS3925-079LF SKYWORKS-SMS3925-079LF Datasheet
127Kb / 3P
   Low Capacitance, High-Voltage Schottky Diode
logo
Alpha Industries
SMS3926-022 ALPHA-SMS3926-022 Datasheet
442Kb / 2P
   Surface Mount Schottky Quad Mixer Diodes
More results

Similar Description - SMS3922-015LF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LSX101 MICROSEMI-LSX101 Datasheet
152Kb / 3P
   SURFACE MOUNT SOT-23 General Purpose Schottky Diodes
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 NXP-1PS70SB40 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40 PHILIPS-BAS40_15 Datasheet
359Kb / 22P
   General-purpose Schottky diodes
Rev. 9-18 March 2015
BAS70 PHILIPS-BAS70_15 Datasheet
235Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
BAS40-06 NXP-BAS40-06 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 PHILIPS-1PS70SB40 Datasheet
136Kb / 21P
   General-purpose Schottky diodes
Rev. 07-12 May 2006
BAS70 PHILIPS-BAS70_06 Datasheet
137Kb / 20P
   General-purpose Schottky diodes
Rev. 08-4 May 2006
1PS76SB70 NXP-1PS76SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
Knox Semiconductor, Inc
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com