Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN6070SSD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN6070SSD
Description  Low Input Capacitance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6070SSD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN6070SSD Datasheet HTML 1Page - Diodes Incorporated DMN6070SSD Datasheet HTML 2Page - Diodes Incorporated DMN6070SSD Datasheet HTML 3Page - Diodes Incorporated DMN6070SSD Datasheet HTML 4Page - Diodes Incorporated DMN6070SSD Datasheet HTML 5Page - Diodes Incorporated DMN6070SSD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN6070SSD
Document number: DS36342 Rev. 3 - 2
2 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMN6070SSD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
3.3
2.6
A
t<10s
TA = +25°C
TA = +70°C
ID
4.1
3.4
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
2.0
A
Pulsed Drain Current (10μs pulse, duty cycle = 1%)
IDM
12
A
Avalanche Current (Note 7) L=0.1mH
IAS
10
A
Avalanche Energy (Note 7) L=0.1mH
EAS
5.9
mJ
Thermal Characteristics (@TA= +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
1.2
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
104
°C/W
t<10s
61
Total Power Dissipation (Note 6)
PD
1.5
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
83
°C/W
t<10s
50
Thermal Resistance, Junction to Case
RθJC
14.5
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA= +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
(Note 8)
Drain-Source Breakdown Voltage
BVDSS
60
V
ID = 250μA, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS= 60V, VGS= 0V
Gate-Source Leakage
IGSS
±100
nA
VGS= ±16V, VDS= 0V
ON CHARACTERISTICS
(Note 8)
Gate Threshold Voltage
VGS(th)
1.0
3.0
V
ID= 250μA, VDS= VGS
Static Drain-Source On-Resistance
RDS (ON)
68
80
mΩ
VGS= 10V, ID= 4.5A
70
100
VGS= 4.5V, ID= 3.5A
Diode Forward Voltage
VSD
0.75
1.1
V
IS= 12A, VGS= 0V
DYNAMIC CHARACTERISTICS
(Note 9)
Input Capacitance
Ciss
588
pF
VDS= 30V, VGS= 0V
f= 1MHz
Output Capacitance
Coss
26.5
Reverse Transfer Capacitance
Crss
20
Gate Resistance
Rg
1.5
Vgs= 0V, Vds= 0V, f=1MHz,
Total Gate Charge (VGS= 4.5V)
Qg
5.6
nC
VDS= 30V, ID= 3A
Total Gate Charge (VGS= 10V)
Qg
12.3
Gate-Source Charge
Qgs
1.7
Gate-Drain Charge
Qgd
1.9
Turn-On Delay Time
tD(on)
3.5
nS
VDD= 30V, VGS= 10V
RL ≅ 50Ω, RG ≅ 20Ω
Turn-On Rise Time
tr
4.1
Turn-Off Delay Time
tD(off)
35
Turn-Off Fall Time
tf
11
Body Diode Reverse Recovery Time
trr
18
nS
IS = 12A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr
12
nC
IS = 12A, dI/dt = 100A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMN6070SSD

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
DMN6070SSD-13 VBSEMI-DMN6070SSD-13 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Diodes Incorporated
DMN6070SSD DIODES-DMN6070SSD_15 Datasheet
240Kb / 6P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN6070SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6040SK3 DIODES-DMN6040SK3 Datasheet
248Kb / 6P
   Low Input Capacitance
DMNH10H028SCT DIODES-DMNH10H028SCT Datasheet
401Kb / 7P
   Low Input Capacitance
logo
Vishay Siliconix
SIHP22N60AE VISHAY-SIHP22N60AE Datasheet
134Kb / 7P
   Low input capacitance
Rev. A, 29-Aug-16
logo
Diodes Incorporated
DMG3401LSN DIODES-DMG3401LSN Datasheet
192Kb / 6P
   Low Input Capacitance
DMG4N60SCT DIODES-DMG4N60SCT Datasheet
326Kb / 6P
   Low Input Capacitance
DMG9N65CTI DIODES-DMG9N65CTI Datasheet
438Kb / 5P
   Low Input Capacitance
DMG6402LVT DIODES-DMG6402LVT Datasheet
220Kb / 6P
   Low Input Capacitance
DMG9N65CT DIODES-DMG9N65CT Datasheet
233Kb / 6P
   Low Input Capacitance
DMN3026LVT DIODES-DMN3026LVT Datasheet
295Kb / 6P
   Low Input Capacitance
DMN6140L DIODES-DMN6140L Datasheet
582Kb / 6P
   Low Input Capacitance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com