Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECEA1CSN4R7 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECEA1CSN4R7
Description  Raidial Lead Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEA1CSN4R7 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECEA1CSN4R7 Datasheet HTML 1Page - Panasonic Semiconductor ECEA1CSN4R7 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Specification
Lead length (mm)
Part No.
Min. Packaging Q'ty
0DL
Ripple
current
(120 Hz)
(+85 °C)
(mA r.m.s.)
tan
d
(120 Hz)
(+20 °C)
Lead
dia.
0d
Lead space
Straight
leads
(pcs)
Taping
(pcs)
Straight
Taping
✽B
Taping
✽i
6.3
22
5
5
29
0.24
0.45
2.0
5.0
2.5
ECEA0JSN220( )
200
2000
33
6.3
5
38
0.24
0.45
2.5
5.0
2.5
ECEA0JSN330( )
200
2000
47
6.3
5
46
0.24
0.45
2.5
5.0
2.5
ECEA0JSN470( )
200
2000
10
10
4
5
25
0.20
0.45
1.5
5.0
2.5
ECEA1ASN100( )
200
2000
22
6.3
5
35
0.20
0.45
2.5
5.0
2.5
ECEA1ASN220( )
200
2000
33
6.3
5
43
0.20
0.45
2.5
5.0
2.5
ECEA1ASN330( )
200
2000
16
4.7
4
5
20
0.20
0.45
1.5
5.0
2.5
ECEA1CSN4R7( )
200
2000
10
5
5
25
0.20
0.45
2.0
5.0
2.5
ECEA1CSN100( )
200
2000
22
6.3
5
39
0.20
0.45
2.5
5.0
2.5
ECEA1CSN220( )
200
2000
25
3.3
5
5
18
0.20
0.45
2.0
5.0
2.5
ECEA1ESN3R3( )
200
2000
4.7
5
5
21
0.20
0.45
2.0
5.0
2.5
ECEA1ESN4R7( )
200
2000
10
6.3
5
28
0.20
0.45
2.5
5.0
2.5
ECEA1ESN100( )
200
2000
35
2.2
4
5
12
0.20
0.45
1.5
5.0
2.5
ECEA1VSN2R2( )
200
2000
50
2.2
5
5
16
0.20
0.45
2.0
5.0
2.5
ECEA1HSN2R2( )
200
2000
· When requesting taped product, please put the letter “B” or “i” between the “( )”. Lead wire pitch
✽B=5 mm, i=2.5 mm.
· Please refer to the page of “Taping dimensions”.
Characteristics list (Bi-polar)
Endurance : 85 °C 1000 h (500hours for each polarity)
Mar. 2016
04


Similar Part No. - ECEA1CSN4R7

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA1CSN4R7 PANASONIC-ECEA1CSN4R7 Datasheet
91Kb / 2P
   Radial Lead Type
ECEA1CSN4R7B PANASONIC-ECEA1CSN4R7B Datasheet
438Kb / 9P
   Aluminum Electrolytic Capacitors
ECEA1CSN4R7I PANASONIC-ECEA1CSN4R7I Datasheet
438Kb / 9P
   Aluminum Electrolytic Capacitors
More results

Similar Description - ECEA1CSN4R7

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA0JSN220 PANASONIC-ECEA0JSN220 Datasheet
91Kb / 2P
   Radial Lead Type
EEUFR0J151 PANASONIC-EEUFR0J151 Datasheet
109Kb / 4P
   Radial Lead Type
ECEA0GKA470 PANASONIC-ECEA0GKA470_16 Datasheet
57Kb / 2P
   Radial Lead Type
ECEA0JN331U PANASONIC-ECEA0JN331U_16 Datasheet
66Kb / 3P
   Radial Lead Type
EECHZ0E335 PANASONIC-EECHZ0E335_16 Datasheet
52Kb / 1P
   Radial lead Type
16SEPF150M PANASONIC-16SEPF150M Datasheet
52Kb / 1P
   Radial Lead Type
ECEA0GKA470 PANASONIC-ECEA0GKA470 Datasheet
121Kb / 2P
   Radial Lead Type
EEUFB1A820 PANASONIC-EEUFB1A820 Datasheet
77Kb / 5P
   Radial Lead Type
ECA0JM221 PANASONIC-ECA0JM221_16 Datasheet
86Kb / 5P
   Radial Lead Type
EECHW0D226 PANASONIC-EECHW0D226 Datasheet
57Kb / 1P
   Radial lead Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com