Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECA0JM102 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECA0JM102
Description  Radial Lead Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA0JM102 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECA0JM102 Datasheet HTML 1Page - Panasonic Semiconductor ECA0JM102 Datasheet HTML 2Page - Panasonic Semiconductor ECA0JM102 Datasheet HTML 3Page - Panasonic Semiconductor ECA0JM102 Datasheet HTML 4Page - Panasonic Semiconductor ECA0JM102 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
Characteristics list
Endurance : 85 °C 2000 h
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Specification
Lead length (mm)
Part No.
Min. Packaging Q'ty
0DL
Ripple
current
(120 Hz)
(+85 °C)
(mA r.m.s.)
tan d
(120 Hz)
(+20 °C)
Lead
dia.
0d
Lead space
Straight
leads
(pcs)
Taping
(pcs)
Straight
Taping
✽B
Taping
✽i
35
47
5
11
130
0.14
0.5
2.0
5.0
2.5
ECA1VM470( )
200
2000
100
6.3
11.2
210
0.14
0.5
2.5
5.0
2.5
ECA1VM101( )
200
2000
220
8
11.5
350
0.14
0.6
3.5
5.0
ECA1VM221( )
200
1000
330
10
12.5
440
0.14
0.6
5.0
5.0
ECA1VM331( )
200
500
470
10
16
550
0.14
0.6
5.0
5.0
ECA1VM471( )
200
500
1000
12.5
20
900
0.14
0.6
5.0
5.0
ECA1VM102( )
200
500
2200
16
25
1250
0.16
0.8
7.5
7.5
ECA1VM222( )
100
250
3300
16
31.5
1400
0.18
0.8
7.5
ECA1VM332
100
4700
18
35.5
1600
0.20
0.8
7.5
ECA1VM472
50
50
2.2
5
11
20
0.12
0.5
2.0
5.0
2.5
ECA1HM2R2( )
200
2000
3.3
5
11
35
0.12
0.5
2.0
5.0
2.5
ECA1HM3R3( )
200
2000
4.7
5
11
45
0.12
0.5
2.0
5.0
2.5
ECA1HM4R7( )
200
2000
10
5
11
65
0.12
0.5
2.0
5.0
2.5
ECA1HM100( )
200
2000
22
5
11
100
0.12
0.5
2.0
5.0
2.5
ECA1HM220( )
200
2000
33
5
11
110
0.12
0.5
2.0
5.0
2.5
ECA1HM330( )
200
2000
47
6.3
11.2
130
0.12
0.5
2.5
5.0
2.5
ECA1HM470( )
200
2000
100
8
11.5
250
0.12
0.6
3.5
5.0
ECA1HM101( )
200
1000
220
10
12.5
400
0.12
0.6
5.0
5.0
ECA1HM221( )
200
500
330
10
16
500
0.12
0.6
5.0
5.0
ECA1HM331( )
200
500
470
10
20
650
0.12
0.6
5.0
5.0
ECA1HM471( )
200
500
1000
12.5
25
1050
0.12
0.6
5.0
5.0
ECA1HM102( )
200
500
2200
16
31.5
1300
0.14
0.8
7.5
ECA1HM222
100
3300
18
35.5
1500
0.16
0.8
7.5
ECA1HM332
50
63
10
5
11
70
0.11
0.5
2.0
5.0
2.5
ECA1JM100( )
200
2000
22
5
11
105
0.11
0.5
2.0
5.0
2.5
ECA1JM220( )
200
2000
33
6.3
11.2
130
0.11
0.5
2.5
5.0
2.5
ECA1JM330( )
200
2000
47
6.3
11.2
160
0.11
0.5
2.5
5.0
2.5
ECA1JM470( )
200
2000
100
8
11.5
270
0.11
0.6
3.5
5.0
ECA1JM101( )
200
1000
220
10
16
450
0.11
0.6
5.0
5.0
ECA1JM221( )
200
500
330
10
20
550
0.11
0.6
5.0
5.0
ECA1JM331( )
200
500
470
12.5
20
750
0.11
0.6
5.0
5.0
ECA1JM471( )
200
500
1000
16
25
1100
0.11
0.8
7.5
7.5
ECA1JM102( )
100
250
2200
18
35.5
1400
0.13
0.8
7.5
ECA1JM222
50
· When requesting taped product, please put the letter “B” or “i” between the “( )”. Lead wire pitch
✽B=5 mm, 7.5 mm, i=2.5 mm.
· Please refer to the page of “Taping dimensions”.
Mar. 2016
04


Similar Part No. - ECA0JM102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA0JM102 PANASONIC-ECA0JM102 Datasheet
308Kb / 5P
   Radial Lead Type
ECA0JM102 PANASONIC-ECA0JM102 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA0JM102 PANASONIC-ECA0JM102 Datasheet
83Kb / 5P
   Aluminum Electrolytic Capacitors/M
ECA0JM102 PANASONIC-ECA0JM102 Datasheet
83Kb / 5P
   Aluminum Electrolytic Capacitors/M
ECA0JM102 PANASONIC-ECA0JM102 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results

Similar Description - ECA0JM102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
   Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
   Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
   Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
   Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
   Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
   Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
   Radial Lead Type
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
   Radial Lead Type
logo
Panasonic Battery Group
EEUFR0J151 PANASONICBATTERY-EEUFR0J151 Datasheet
131Kb / 6P
   Radial Lead Type
Mar. 2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com