Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIC226M Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TIC226M
Description  SILICON TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIC226M Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TIC226M Datasheet HTML 1Page - Bourns Electronic Solutions TIC226M Datasheet HTML 2Page - Bourns Electronic Solutions TIC226M Datasheet HTML 3Page - Bourns Electronic Solutions TIC226M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TIC226 SERIES
SILICON TRIACS
4
PRODU CT
INFORMA TION
APRIL 1971 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
PARAMETER MEASUREMENT INFORMATION
Figure 7.
V
AC
V
MT2
I
MT2
DUT
See
Note A
R
G
C1
R1
I
G
V
AC
I
MT2
V
MT2
I
G
I
TRM
dv/dt
10%
63%
L1
V
DRM
50 Hz
PMC2AA
NOTE A: The gate-current pulse is furnished by a trigger circuit which presents essentially an open circuit between pulses. The pulse is timed
so that the off-state-voltage duration is approximately 800 µs.


Similar Part No. - TIC226M

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIC226M POINN-TIC226M Datasheet
158Kb / 6P
   SILICON TRIACS
logo
Comset Semiconductor
TIC226M COMSET-TIC226M Datasheet
212Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC226M COMSET-TIC226M Datasheet
210Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC226M COMSET-TIC226M Datasheet
165Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
logo
New Jersey Semi-Conduct...
TIC226M NJSEMI-TIC226M Datasheet
112Kb / 2P
   SILICON TRIACS
More results

Similar Description - TIC226M

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC216A COMSET-TIC216A_12 Datasheet
163Kb / 3P
   SILICON TRIACS
logo
Power Innovations Ltd
TIC246 POINN-TIC246 Datasheet
105Kb / 5P
   SILICON TRIACS
TIC263 POINN-TIC263 Datasheet
103Kb / 5P
   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC246 BOURNS-TIC246 Datasheet
141Kb / 3P
   SILICON TRIACS
logo
Power Innovations Ltd
TIC201 POINN-TIC201 Datasheet
67Kb / 4P
   SILICON TRIACS
TIC225 POINN-TIC225 Datasheet
150Kb / 6P
   SILICON TRIACS
TICP206 POINN-TICP206 Datasheet
127Kb / 7P
   SILICON TRIACS
logo
Texas Instruments
TIC216 TI-TIC216 Datasheet
104Kb / 3P
[Old version datasheet]   SILICON TRIACS
logo
New Jersey Semi-Conduct...
TIC206 NJSEMI-TIC206 Datasheet
112Kb / 2P
   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC236D BOURNS-TIC236D Datasheet
141Kb / 3P
   SILICON TRIACS
logo
Transys Electronics
TR25 TRSYS-TR25 Datasheet
333Kb / 3P
   SILICON TRIACS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com