Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIC226M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TIC226M
Description  SILICON TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIC226M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TIC226M Datasheet HTML 1Page - Bourns Electronic Solutions TIC226M Datasheet HTML 2Page - Bourns Electronic Solutions TIC226M Datasheet HTML 3Page - Bourns Electronic Solutions TIC226M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TIC226 SERIES
SILICON TRIACS
3
P R O D UCT
INFORMA TION
APRIL 1971 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TYPICAL CHARACTERISTICS
Figure 3.
Figure 4.
THERMAL INFORMATION
Figure 5.
Figure 6.
HOLDING CURRENT
T
C - Case Temperature - °C
-60
-40
-20
0
20
40
60
80
100
120
0·1
1
10
100
1000
TC01AD
CASE TEMPERATURE
vs
V
supply
+
-
V
AA = ± 12 V
I
G = 0
Initiating I
TM = 100 mA
LATCHING CURRENT
T
C - Case Temperature - °C
-60
-40
-20
0
20
40
60
80
100
120
1
10
100
1000
TC01AE
CASE TEMPERATURE
vs
V
AA = ± 12 V
V
supply IGTM
+
+
+
-
-
-
-
+
MAX RMS ON-STATE CURRENT
T
C - Case Temperature - °C
0
255075
100
125
0
1
2
3
4
5
6
7
8
9
10
TI01AB
CASE TEMPERATURE
vs
MAX AVERAGE POWER DISSIPATED
I
T(RMS) - RMS On-State Current - A
02468
10
12
14
16
0
4
8
12
16
20
24
28
32
TI01AC
RMS ON-STATE CURRENT
vs
Conduction Angle = 360 °
Above 8 A rms
T
J = 110 °C
See I
TSM Figure


Similar Part No. - TIC226M

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIC226M POINN-TIC226M Datasheet
158Kb / 6P
   SILICON TRIACS
logo
Comset Semiconductor
TIC226M COMSET-TIC226M Datasheet
212Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC226M COMSET-TIC226M Datasheet
210Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC226M COMSET-TIC226M Datasheet
165Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
logo
New Jersey Semi-Conduct...
TIC226M NJSEMI-TIC226M Datasheet
112Kb / 2P
   SILICON TRIACS
More results

Similar Description - TIC226M

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC216A COMSET-TIC216A_12 Datasheet
163Kb / 3P
   SILICON TRIACS
logo
Power Innovations Ltd
TIC246 POINN-TIC246 Datasheet
105Kb / 5P
   SILICON TRIACS
TIC263 POINN-TIC263 Datasheet
103Kb / 5P
   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC246 BOURNS-TIC246 Datasheet
141Kb / 3P
   SILICON TRIACS
logo
Power Innovations Ltd
TIC201 POINN-TIC201 Datasheet
67Kb / 4P
   SILICON TRIACS
TIC225 POINN-TIC225 Datasheet
150Kb / 6P
   SILICON TRIACS
TICP206 POINN-TICP206 Datasheet
127Kb / 7P
   SILICON TRIACS
logo
Texas Instruments
TIC216 TI-TIC216 Datasheet
104Kb / 3P
[Old version datasheet]   SILICON TRIACS
logo
New Jersey Semi-Conduct...
TIC206 NJSEMI-TIC206 Datasheet
112Kb / 2P
   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC236D BOURNS-TIC236D Datasheet
141Kb / 3P
   SILICON TRIACS
logo
Transys Electronics
TR25 TRSYS-TR25 Datasheet
333Kb / 3P
   SILICON TRIACS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com