Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA0603MLA-22101E Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CGA0603MLA-22101E
Description  Automotive MLA Series Varistor ESD Clamp Protectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CGA0603MLA-22101E Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CGA0603MLA-22101E Datasheet HTML 1Page - Bourns Electronic Solutions CGA0603MLA-22101E Datasheet HTML 2Page - Bourns Electronic Solutions CGA0603MLA-22101E Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
AEC-Q200 qualified
Meets IEC 61000-4-2 standard
Multilayered varistor technology
Proprietary insulating overcoat provides
low and stable leakage current
Quick response time (<0.5 ns)
High transient current capability
High reliability
RoHS compliant*
Applications
HDMI
CANbus
Ethernet
GPS
Camera links
Sensors
Touchscreen interfaces
Circuits sensitive to ESD
ChipGuard® Automotive MLA Series Varistor ESD Clamp Protectors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Description
Electrical Characteristics @ 25 °C (unless otherwise noted)
Model
Package
Vrms
(V)
VDC
(V)
VN Min.
(V)
VN Max.
(V)
VC
(V)
ITM (Max.)
(A)
WTM (Max.)
(J)
CP
(pF) Typ.
<10 µA
1 mA DC
1 A @
8/20 µs
@ 8/20 µs
10/1000 µs
@ 1 KHz
CGA0603MLA-16150E
0603
14
16
23.0
34.2
70
5
0.030
15
CGA0603MLA-16121E
14
16
22.0
28.0
46
30
0.200
120
CGA0603MLA-17300E
14
17
21.6
34.4
70
2
0.050
30
CGA0603MLA-18101E
14
18
19.8
25.2
44
30
0.200
100
CGA0603MLA-19161E
14
19
24.0
32.0
64
20
0.100
160
CGA0603MLA-22750E
17
22
25.0
41.0
54
30
0.075
75
CGA0603MLA-22500E
17
22
24.3
30.7
54
10
0.100
50
CGA0603MLA-22101E
17
22
24.3
30.7
50
30
0.200
100
CGA0603MLA-22161E
17
22
24.3
30.7
50
30
0.200
160
CGA0603MLA-26800E
20
26
30.0
43.0
67
30
0.100
80
CGA0603MLA-31900E
25
31
35.0
43.9
71
30
0.200
90
CGA0603MLA-32120E
25
32
51.9
71.0
124
5
0.250
12
CGA0805MLA--16401E
0805
14
16
22.0
28.0
46
120
0.3
400
CGA0805MLA-18351E
14
18
19.8
25.2
44
120
0.3
350
CGA0805MLA-22101E
17
22
25.0
34.0
54
30
0.1
100
CGA0805MLA-22401E
17
22
24.3
30.7
50
120
0.3
400
CGA0805MLA-26221E
20
26
29.7
37.3
56
80
0.4
220
CGA0805MLA-31251E
25
31
35.1
43.9
71
80
0.3
250
CGA0805MLA-38201E
30
38
42.3
52.7
81
80
0.3
200
CGA1206MLA-16801E
1206
14
16
22.0
28.0
44
200
0.60
800
CGA1206MLA-16701E
14
16
19.8
25.2
42
200
0.50
700
CGA1206MLA-22651E
17
22
24.3
30.7
48
200
0.30
650
CGA1206MLA-22841E
17
22
24.3
29.7
50
100
0.40
840
CGA1206MLA-26601E
20
26
29.7
37.3
58
200
0.70
600
CGA1206MLA-31551E
25
31
35.1
43.9
69
200
1.00
550
CGA1206MLA-38501E
30
38
42.3
52.7
81
200
1.10
500
CGA1206MLA-40181E
40
56
63.0
77.0
110
200
1.00
180
Bourns® ChipGuard® Automotive MLA Series is a multlayered varistor designed
specifically for use in automotive circuits requiring ESD protection. The CGA-MLA
series is available in industry standard 0603, 0805 and 1206 packages. These robust
protectors exhibit extremely fast response times to ESD events making them ideal for
protecting a wide array automotive electronics.
ChipGuard® Automotive MLA Series products are fully AEC-Q200 qualified and supported.
Device Symbol
General Characteristics
Operating Temperature................................................................................................................................................... -55 °C to +125 °C
Storage Temperature...................................................................................................................................................... -55 °C to +150 °C
Response Time...................................................................................................................................................................................<1 ns
Performance Standard ........................................................................................................................................................ IEC 61000-4-2


Similar Part No. - CGA0603MLA-22101E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CGA0603MLC-05E BOURNS-CGA0603MLC-05E Datasheet
393Kb / 3P
   ESD Protectors
CGA0603MLC-05G BOURNS-CGA0603MLC-05G Datasheet
393Kb / 3P
   ESD Protectors
CGA0603MLC-12E BOURNS-CGA0603MLC-12E Datasheet
393Kb / 3P
   ESD Protectors
CGA0603MLC-12G BOURNS-CGA0603MLC-12G Datasheet
393Kb / 3P
   ESD Protectors
CGA0603MLC-24E BOURNS-CGA0603MLC-24E Datasheet
393Kb / 3P
   ESD Protectors
More results

Similar Description - CGA0603MLA-22101E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CG0402MLA-5.5MG BOURNS-CG0402MLA-5.5MG Datasheet
272Kb / 4P
   MLA Series Varistor ESD Clamp Protectors
CG0402MLA-14KG BOURNS-CG0402MLA-14KG_12 Datasheet
197Kb / 4P
   ChipGuard MLA Series Varistor ESD Clamp Protectors
CG0603MLC-05E BOURNS-CG0603MLC-05E Datasheet
205Kb / 2P
   MLC Series Varistor ESD Clamp Protectors
CG0402MLE-18G BOURNS-CG0402MLE-18G Datasheet
254Kb / 3P
   MLE Series Varistor ESD Clamp Protectors
CG0402MLD-12G BOURNS-CG0402MLD-12G_13 Datasheet
182Kb / 3P
   ChipGuard MLD Series Varistor ESD Clamp Protectors
CG0402MLE-18G BOURNS-CG0402MLE-18G_13 Datasheet
186Kb / 3P
   ChipGuard MLE Series Varistor ESD Clamp Protectors
logo
Littelfuse
V3.5MLA0603NHAUTO LITTELFUSE-V3.5MLA0603NHAUTO Datasheet
729Kb / 8P
   MLA Automotive Varistor Series
logo
Bourns Electronic Solut...
CG0402MLD-12G BOURNS-CG0402MLD-12G Datasheet
148Kb / 3P
   Chip Guard짰 MLD Series Varistor ESD Clamp Protectors
logo
Littelfuse
V30MLA1210NH LITTELFUSE-V30MLA1210NH Datasheet
875Kb / 8P
   MLA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com