Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG0603MLU-24E Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CG0603MLU-24E
Description  ESD Protectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CG0603MLU-24E Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CG0603MLU-24E Datasheet HTML 1Page - Bourns Electronic Solutions CG0603MLU-24E Datasheet HTML 2Page - Bourns Electronic Solutions CG0603MLU-24E Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
ChipGuard® MLU Series - ESD Protectors
Product Dimensions
CG0402
CG0603
Dimension
Series
Series
L
1.00 ± 0.15
1.60 ± 0.20
(0.04 ± 0.006)
(0.064 ± 0.008)
W
0.50 ± 0.10
0.80 ± 0.20
(0.02 ± 0.004)
(0.032 ± 0.008)
A
0.36 ± 0.05
0.45 ± 0.10
(0.014 ± 0.002)
(0.018 ± 0.004)
B
0.25 ± 0.15
0.30 ± 0.20
(0.10 ± 0.006)
(0.012 ± 0.008)
DIMENSIONS:
MM
(INCHES)
Recommended Pad Layout
L
W
B
A
A
C
B
D
CG0402
CG0603
Dim.
Series
Series
A
0.51
0.76
(0.020)
(0.030)
B
0.61
1.02
(0.024)
(0.040)
C
0.51
0.50
(0.020)
(0.020)
D
1.70
2.54
(0.067)
(0.100)
Solder Reflow Recommendations
110 sec. (min.)
300
250
200
150
100
50
0
30-70
sec.
120 sec. (min.)
Preheat Stages 1-3
Soldering
Cooling
Time (seconds)
This product can be damaged by rapid heating, cooling or localized heating.
Heat shocks should be avoided. Preheating and gradual cooling recommended.
Excessive solder can damage the device. Print solder thickness of 150 to 200 um recommended.
Solder gun tip temperature should be kept below 280 °C and should not touch the device directly. Contact should be less than 3 seconds.
A solder gun under 30 watts is recommended.
A
Stage 1 Preheat
Ambient to Preheating
30 s to 60 s
Temperature
B
Stage 2 Preheat
140 °C to 160 °C
60 s to 120 s
C
Stage 3 Preheat
Preheat to 200 °C
20 s to 40 s
D
Main Heating
200 °C
60 s to 70 s
210 °C
55 s to 65 s
220 °C
50 s to 60 s
230 °C
40 s to 50 s
240 °C
30 s to 40 s
E
Cooling
200 °C to 100 °C
1 °C/s to 4 °C/s


Similar Part No. - CG0603MLU-24E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CG0603MLU-24E BOURNS-CG0603MLU-24E Datasheet
255Kb / 3P
   ChipGuard짰 MLU Series - ESD Protectors
More results

Similar Description - CG0603MLU-24E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MLU BOURNS-MLU Datasheet
231Kb / 3P
   ESD Protectors
MLC BOURNS-MLC_09 Datasheet
214Kb / 3P
   ESD Protectors
CGA0402MLC-05E BOURNS-CGA0402MLC-05E Datasheet
393Kb / 3P
   ESD Protectors
logo
California Micro Device...
PACDN042 CALMIRCO-PACDN042 Datasheet
204Kb / 14P
   Transient Voltage Suppressors / ESD Protectors
logo
Bourns Electronic Solut...
CG0603MLC-05E BOURNS-CG0603MLC-05E Datasheet
206Kb / 3P
   ChipGuard MLC Series - ESD Protectors
CG0603MLC-3.3LE BOURNS-CG0603MLC-3.3LE Datasheet
298Kb / 3P
   ChipGuard짰 MLC Series - ESD Protectors
CG0603MLC-12LE BOURNS-CG0603MLC-12LE Datasheet
206Kb / 3P
   ChipGuard짰 MLC Series - ESD Protectors
logo
TDK Electronics
SGNE04 TDK-SGNE04 Datasheet
150Kb / 10P
   Chip Protectors For ESD protection
logo
Bourns Electronic Solut...
CG0603MLU-24E BOURNS-CG0603MLU-24E Datasheet
255Kb / 3P
   ChipGuard짰 MLU Series - ESD Protectors
CG0402MLA-5.5MG BOURNS-CG0402MLA-5.5MG Datasheet
272Kb / 4P
   MLA Series Varistor ESD Clamp Protectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com