Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA0603MLA-17300E Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CGA0603MLA-17300E
Description  Automotive MLA Series Varistor ESD Clamp Protectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CGA0603MLA-17300E Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CGA0603MLA-17300E Datasheet HTML 1Page - Bourns Electronic Solutions CGA0603MLA-17300E Datasheet HTML 2Page - Bourns Electronic Solutions CGA0603MLA-17300E Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
ChipGuard® Automotive MLA Series Varistor ESD Clamp Protectors
Packaging Dimensions
2.0 ± 0.5
(.079 ± .020)
178 ± 2.0
(7.008 ± .079)
9.0 ± 0.5
(.354 ± .020)
13.0 ± 1.0
(.512 ± .039)
13.0 ± 0.5
(.512 ± .020)
62.0 ± 1.5
(2.441 ± .059)
21.0 ± 0.8
(.827 ± .031)
DIMENSIONS:
MM
(INCHES)
REV. A 07/14
Solder Reflow Recommendations
CAUTION:
Rapid heating and cooling in excess of stated maximum rates will easily damage this product.
Localized heating can also damage product.
Do not thermally shock product in excess of 100 °C.
Use a 30 W or less solder gun/iron for product repairs. Tip temperature maximum is 280 °C for less than 3 seconds.
Do not touch the component directly with the soldering gun/iron.
Excess solder volumes can damage the body of the product.
A
Stage 1 Preheat
Ambient to Preheating
3 °C / s max.
Ramp
Temperature
B
Stage 2 Preheat
Preheat min./max.
150 °C to 200 °C
Temperature Range
60 s to 180 s
C
Stage 3 Preheat
Max. Time Above
217 °C
to Main Heating
Stated Temperature
60 s to 150 s
D
Main Heating
Max. Time Within 5 °C
255 °C
of Peak Temperature
20 s to 40 s
(260 °C)
E
Cool Down
Rate from Peak
6 °C / s max.
Temperature
TP
TP
CRITICAL ZONE
TLTO TP
TL
25
RAMP-UP
PREHEAT
RAMP-DOWN
TSmax
TSmin
t 25 °C TO PEAK
Time (seconds)
TL
TS
TOP
TAPE
NOTES: TAPE MATERIAL IS PAPER.
TAPE THICKNESS IS:
D
W
0.95
± 0.05
(0.037
± 0.002)
C
A
B
F
E
L
CGA0603MLA
CGA0805MLA
CGA1206MLA
Dim.
Series
Series
Series
A
8.00 ± 0.30
(0.315 ± 0.012)
B
3.50 ± 0.05
(0.138 ± 0.002)
C
1.75 ± 0.10
(0.069 ± 0.004)
D
2.00 ± 0.05
(0.079 ± 0.002)
E
4.00 ± 0.10
(0.157 ± 0.004)
F
1.50 ± 0.10
(0.059 ± 0.004)
L
1.90 ± 0.15
2.30 ± 0.15
3.50 ± 0.15
(0.075 ± 0.006)
(0.091 ± 0.006)
(0.138 ± 0.006)
W
1.05 ± 0.15
1.55 ± 0.15
1.90 ± 0.15
(0.041 ± 0.006)
(0.061 ± 0.006)
(0.075 ± 0.006)
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - CGA0603MLA-17300E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CGA0603MLC-05E BOURNS-CGA0603MLC-05E Datasheet
393Kb / 3P
   ESD Protectors
CGA0603MLC-05G BOURNS-CGA0603MLC-05G Datasheet
393Kb / 3P
   ESD Protectors
CGA0603MLC-12E BOURNS-CGA0603MLC-12E Datasheet
393Kb / 3P
   ESD Protectors
CGA0603MLC-12G BOURNS-CGA0603MLC-12G Datasheet
393Kb / 3P
   ESD Protectors
CGA0603MLC-24E BOURNS-CGA0603MLC-24E Datasheet
393Kb / 3P
   ESD Protectors
More results

Similar Description - CGA0603MLA-17300E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CG0402MLA-5.5MG BOURNS-CG0402MLA-5.5MG Datasheet
272Kb / 4P
   MLA Series Varistor ESD Clamp Protectors
CG0402MLA-14KG BOURNS-CG0402MLA-14KG_12 Datasheet
197Kb / 4P
   ChipGuard MLA Series Varistor ESD Clamp Protectors
CG0603MLC-05E BOURNS-CG0603MLC-05E Datasheet
205Kb / 2P
   MLC Series Varistor ESD Clamp Protectors
CG0402MLE-18G BOURNS-CG0402MLE-18G Datasheet
254Kb / 3P
   MLE Series Varistor ESD Clamp Protectors
CG0402MLD-12G BOURNS-CG0402MLD-12G_13 Datasheet
182Kb / 3P
   ChipGuard MLD Series Varistor ESD Clamp Protectors
CG0402MLE-18G BOURNS-CG0402MLE-18G_13 Datasheet
186Kb / 3P
   ChipGuard MLE Series Varistor ESD Clamp Protectors
logo
Littelfuse
V3.5MLA0603NHAUTO LITTELFUSE-V3.5MLA0603NHAUTO Datasheet
729Kb / 8P
   MLA Automotive Varistor Series
logo
Bourns Electronic Solut...
CG0402MLD-12G BOURNS-CG0402MLD-12G Datasheet
148Kb / 3P
   Chip Guard짰 MLD Series Varistor ESD Clamp Protectors
logo
Littelfuse
V30MLA1210NH LITTELFUSE-V30MLA1210NH Datasheet
875Kb / 8P
   MLA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com