Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP20-4815DF Datasheet(PDF) 1 Page - Recom International Power

Part # RP20-4815DF
Description  20 Watt Single & Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-4815DF Datasheet(HTML) 1 Page - Recom International Power

  RP20-4815DF Datasheet HTML 1Page - Recom International Power RP20-4815DF Datasheet HTML 2Page - Recom International Power RP20-4815DF Datasheet HTML 3Page - Recom International Power RP20-4815DF Datasheet HTML 4Page - Recom International Power RP20-4815DF Datasheet HTML 5Page - Recom International Power RP20-4815DF Datasheet HTML 6Page - Recom International Power RP20-4815DF Datasheet HTML 7Page - Recom International Power RP20-4815DF Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
Regulated
Converters
• 2:1 Wide Input Voltage Range
• 1.6kVDC Isolation
• UL Certified
• Efficiency up to 89%
• Six-Sided Continuous Shield
• No Minimum Load
PD-1
REV.: 1/2016
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
Description
The RP20-F series DC/DC converters are certified to UL 60950-1 and to cUL 60950-1. This makes
them ideal for all telecom and industrial applications where approved safety standards are required. The
industry standard 2” x 1” package meets military standards for thermal shock and vibration tolerance.
E196683
20 Watt
2“ x 1“
Single & Dual
Output
RP20-F
Selection Guide
Part Number
Input
Output
Output
Input(1) Efficiency(1) Max. Capacitive
Voltage Range
Voltage
Current
Current
typ.
Load(2)
[VDC]
[VDC]
[mA]
[mA]
[%]
[µF]
RP20-123.3SF(3,4)
9-18
3.3
5000
1618
85
13000
RP20-1205SF(3,4)
9-18
5
4000
1916
87
6800
RP20-1212SF(3,4)
9-18
12
1670
1942
86
2200
RP20-1215SF(3,4)
9-18
15
1330
1933
86
755
RP20-243.3SF(3,4)
18-36
3.3
5000
799
86
13000
RP20-2405SF(3,4)
18-36
5
4000
936
89
6800
RP20-2412SF(3,4)
18-36
12
1670
960
87
2200
RP20-2415SF(3,4)
18-36
15
1330
955
87
755
RP20-483.3SF(3,4)
36-75
3.3
5000
395
87
13000
RP20-4805SF(3,4)
36-75
5
4000
468
89
6800
RP20-4812SF(3,4)
36-75
12
1670
474
88
2200
RP20-4815SF(3,4)
36-75
15
1330
477
87
755
RP20-1212DF(3,4)
9-18
±12
±833
1937
86
±680
RP20-1215DF(3,4)
9-18
±15
±667
1938
86
±450
RP20-2412DF(3,4)
18-36
±12
±833
957
87
±680
RP20-2415DF(3,4)
18-36
±15
±667
947
88
±450
RP20-4812DF(3,4)
36-75
±12
±833
473
88
±680
RP20-4815DF(3,4)
36-75
±15
±667
473
88
±450
UL60950-1 Certified
Model Numbering
Ordering Examples
RP20-2405SF = 24V Input, 5V Output, Positive Logic CTRL pin fitted
RP20-4812DF/N-HC = 48V Input, ±12V Output, Negative Logic CTRL pin fitted, Heat-sink fitted
(no trim pin available with dual output)
Input Voltage
Output Voltage
Single or Dual
RP20-__ __ _F/_ _
Package4)
Control Logic(3)
Notes:
Note3: no suffix for CTRL function with Positive Logic (1=ON, 0=OFF), and trim pin
add “N” for CTRL function with Negative Logic (0=ON, 1=OFF), and trim pin
Note4: add suffix -HC for premounted Heat-sink and clips
Notes:
Note1: Maximum value at nominal input voltage and full load.
Note2: Test by minimum Vin and constant resistor load.


Similar Part No. - RP20-4815DF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-4815DF RECOM-RP20-4815DF Datasheet
96Kb / 4P
   20 Watt 2inch x 1inch Package Single & Dual Output
RP20-4815DF RECOM-RP20-4815DF Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RP20-4815DFN RECOM-RP20-4815DFN Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RP20-4815DFW RECOM-RP20-4815DFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP20-4815DFW RECOM-RP20-4815DFW Datasheet
467Kb / 7P
   20 Watt Single & Dual Output
More results

Similar Description - RP20-4815DF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
RP20-FW RECOM-RP20-FW Datasheet
467Kb / 7P
   20 Watt Single & Dual Output
RP20-2433SEW RECOM-RP20-2433SEW Datasheet
96Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW_17 Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com