Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP20-4812DA Datasheet(PDF) 5 Page - Recom International Power

Part # RP20-4812DA
Description  20 Watt Single & Dual Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-4812DA Datasheet(HTML) 5 Page - Recom International Power

  RP20-4812DA Datasheet HTML 1Page - Recom International Power RP20-4812DA Datasheet HTML 2Page - Recom International Power RP20-4812DA Datasheet HTML 3Page - Recom International Power RP20-4812DA Datasheet HTML 4Page - Recom International Power RP20-4812DA Datasheet HTML 5Page - Recom International Power RP20-4812DA Datasheet HTML 6Page - Recom International Power RP20-4812DA Datasheet HTML 7Page - Recom International Power RP20-4812DA Datasheet HTML 8Page - Recom International Power RP20-4812DA Datasheet HTML 9Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP20-A
Series
PD-5
REV.: 1/2016
www.recom-power.com
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
24.24
24.48
24.72
24.96
25.20
25.44
25.68
25.92
26.16
26.40
Volts
R
U =
218.21
98.10
58.07
38.05
26.04
18.03
12.32
8.03
4.69
2.02
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
23.76
23.52
23.28
23.04
22.80
22.56
22.32
22.08
21.84
21.6
Volts
R
D =
273.44
123.02
72.87
47.80
32.76
22.73
15.57
10.20
6.02
2.67
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
30.30
30.60
30.90
31.20
31.50
31.80
32.10
32.40
32.70
33.00
Volts
R
U =
268.29
120.64
71.43
46.82
32.06
22.21
15.10
9.91
5.81
2.53
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
29.70
29.40
29.10
28.80
28.50
28.20
27.90
27.60
27.30
27.00
Volts
R
D =
337.71
152.02
90.13
59.18
40.61
28.23
19.39
12.76
7.60
3.47
KOhms
RP20-xx12D
RP20-xx15D
Dual Output Voltage Trim Tables
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zener Diode Clamp
3.3Vout
5Vout
12Vout
15Vout
3.7VDC - 5.4VDC
5.6VDC - 7.0VDC
13.5VDC - 19.6VDC
16.8VDC - 20.5VDC
Over Load Protection (OLP)
% Iout rated; Hiccup mode
150% typ.
Isolation Voltage
I/P to O/P
I/P to O/P to case
1.6kVDC/1minute
1.0kVDC/1 minute
Isolation Resistance
500 VDC
1G
Ω min.
Isolation Capacitance
1500pF max.
Notes:
Note7: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - RP20-4812DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-4812DAW RECOM-RP20-4812DAW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
RP20-4812DAW RECOM-RP20-4812DAW Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
More results

Similar Description - RP20-4812DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
RP20-F RECOM-RP20-F Datasheet
489Kb / 8P
   20 Watt Single & Dual Output
RP20-FW RECOM-RP20-FW Datasheet
467Kb / 7P
   20 Watt Single & Dual Output
RP20-2433SEW RECOM-RP20-2433SEW Datasheet
96Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW_17 Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com