Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP20-2412DA Datasheet(PDF) 3 Page - Recom International Power

Part # RP20-2412DA
Description  20 Watt Single & Dual Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-2412DA Datasheet(HTML) 3 Page - Recom International Power

  RP20-2412DA Datasheet HTML 1Page - Recom International Power RP20-2412DA Datasheet HTML 2Page - Recom International Power RP20-2412DA Datasheet HTML 3Page - Recom International Power RP20-2412DA Datasheet HTML 4Page - Recom International Power RP20-2412DA Datasheet HTML 5Page - Recom International Power RP20-2412DA Datasheet HTML 6Page - Recom International Power RP20-2412DA Datasheet HTML 7Page - Recom International Power RP20-2412DA Datasheet HTML 8Page - Recom International Power RP20-2412DA Datasheet HTML 9Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
±1%
Voltage Adjustability
Single
±10%
Line Voltage Regulation
Single
Dual
±0.2%
±0.5%
Load Voltage Regulation
0% to 100% load
Single
Dual
±0.2%
±1.0%
10% load to 90% load
Single
Dual
±0.1%
±0.8%
Cross Regulation
asymmetrical 25%<>100% load
±5%
Transient Response recovery time
25% load step change
250µs
continued on next page
RP20-A
Series
PD-3
REV.: 1/2016
www.recom-power.com
Efficiency vs. Output Current
Efficiency vs. Output Current
Efficiency vs. Input Voltage
Efficiency vs. Input Voltage
18Vin
24Vin
36Vin
Output Current [%]
10
40
45
50
55
60
65
70
75
90
95
20
40
60
80
100
30
50
70
90
80
85
36Vin
48Vin
75Vin
Output Current [%]
10
40
45
50
55
60
65
75
70
90
95
20
40
60
80
100
30
50
70
90
80
85
Input Voltage [VDC]
18
65
70
75
80
85
95
22
24
28
32
36
20
26
30
34
90
Input Voltage [VDC]
36
65
70
75
80
85
95
44
48
56
64
68
75
40
52
60
72
90
RP20-2405SA
RP20-4805SA


Similar Part No. - RP20-2412DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-2412DAW RECOM-RP20-2412DAW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
RP20-2412DAW RECOM-RP20-2412DAW Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
More results

Similar Description - RP20-2412DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
RP20-F RECOM-RP20-F Datasheet
489Kb / 8P
   20 Watt Single & Dual Output
RP20-FW RECOM-RP20-FW Datasheet
467Kb / 7P
   20 Watt Single & Dual Output
RP20-2433SEW RECOM-RP20-2433SEW Datasheet
96Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW_17 Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com