Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP15-4805DA Datasheet(PDF) 5 Page - Recom International Power

Part # RP15-4805DA
Description  15 Watt Single & Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-4805DA Datasheet(HTML) 5 Page - Recom International Power

  RP15-4805DA Datasheet HTML 1Page - Recom International Power RP15-4805DA Datasheet HTML 2Page - Recom International Power RP15-4805DA Datasheet HTML 3Page - Recom International Power RP15-4805DA Datasheet HTML 4Page - Recom International Power RP15-4805DA Datasheet HTML 5Page - Recom International Power RP15-4805DA Datasheet HTML 6Page - Recom International Power RP15-4805DA Datasheet HTML 7Page - Recom International Power RP15-4805DA Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP15-A
Series
PD-5
REV.: 1/2016
www.recom-power.com
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating
with derating
-40°C to +68°C
-40°C to +105°C
Maximum Case Temperature
+105°C
Temperature Coefficient
±0.02%/°C max.
Thermal Impedance
Natural convection (20LFM)
Natural convection (20LFM) with Heat sink
18.2°C/Watt
15.8°C/Watt
Operating Humidity
5% - 95% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F
Bellcore TR-NWT-000332(8)
1600 x 103 hours
1330 x 103 hours
Derating Graph(9)
Notes:
Note8: BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C.
MIL-HDBK 217F Notice 2. Ta = 25°C, full load, (Ground, Benign, controlled environment).
Note9: Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a part-
number not shown here please contact our technical support service at techsupportAT@recom-power.com
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zener Diode Clamp
3.3Vout
5Vout
12Vout
15Vout
3.7 - 5.4V
5.6 - 7.0V
13.5 - 19.6V
16.8 - 20.5V
Over Load Protection (OLP)
% of Iout rated
150% typ.
Isolation Voltage
I/P to O/P
I/P (O/P) to case
1.6kVDC/1 minute
1.0kVDC/1 minute
Isolation Resistance
500VDC
1G
Ω min.
Isolation Capacitance
1000pF max.
-40
60
68
80
100
105
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
-40
60
73
80
100
105
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
RP15-1215SA
RP15-1215SA with Heat-sink
Notes:
Note7: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - RP15-4805DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-4805DA RECOM-RP15-4805DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
RP15-4805DAW RECOM-RP15-4805DAW Datasheet
119Kb / 5P
   Ultraminiature 25.4 x25.4x9.9mm Package
RP15-4805DAW RECOM-RP15-4805DAW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
RP15-4805DAW-HC RECOM-RP15-4805DAW-HC Datasheet
119Kb / 5P
   Ultraminiature 25.4 x25.4x9.9mm Package
RP15-4805DAWN RECOM-RP15-4805DAWN Datasheet
119Kb / 5P
   Ultraminiature 25.4 x25.4x9.9mm Package
More results

Similar Description - RP15-4805DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-FW RECOM-RP15-FW Datasheet
494Kb / 7P
   15 Watt Single & Dual Output
RP15-F RECOM-RP15-F Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW_06 Datasheet
85Kb / 4P
   15 Watt Single & Dual Output
RP15-AW RECOM-RP15-AW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
RP15-2415DA RECOM-RP15-2415DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
REC15-M RECOM-REC15-M Datasheet
116Kb / 2P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW Datasheet
96Kb / 4P
   15 Watt Single & Dual Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com