Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP12-4815DA Datasheet(PDF) 4 Page - Recom International Power

Part # RP12-4815DA
Description  12 Watt DIP24/SMD Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP12-4815DA Datasheet(HTML) 4 Page - Recom International Power

  RP12-4815DA Datasheet HTML 1Page - Recom International Power RP12-4815DA Datasheet HTML 2Page - Recom International Power RP12-4815DA Datasheet HTML 3Page - Recom International Power RP12-4815DA Datasheet HTML 4Page - Recom International Power RP12-4815DA Datasheet HTML 5Page - Recom International Power RP12-4815DA Datasheet HTML 6Page - Recom International Power RP12-4815DA Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
3.3Vout, ±5Vout
without derating
with derating
-40°C to +65°C
-40°C to +100°C
all others
without derating
withderating
-40°C to +72°C
-40°C to +100°C
Maximum Case Temperature
+100°C
Temperature Coefficient
±0.02%/°C max.
Thermal Impedance
Natural convection (20LFM)
20°C/Watt typ.
Operating Humidity
5% - 95% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F
Bellcoe TR-NWT-000332(8)
2064 x 103 hours
2750 x 10³ hours
PD-4
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP12-A
Series
-40
60
72
80 100
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
Derating Graph(9)
Notes:
Note8: BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C (Ground fixed and controlled environment).
Note9: Derating graphs are valid only for the shown part numbers. If you need detailed derating- information about a
part-number not shown here please contact our technical support service at techsupportAT@recom-power.com.
RP12-4815SA
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zener Diode Clamp
3.3Vout
5.1Vout
12Vout
15Vout
3.9VDC
6.2VDC
15VDC
18VDC
Over Load Protection (OLP)
% of Iout rated
150% typ.
Isolation Voltage
DIP24
I/P to O/P
I/P (O/P) to case
1.6kVDC/1 minute
1.6kVDC/1 minute
SMD
I/P to O/P
I/P (O/P) to case
1.6kVDC/1 minute
1.0kVDC/1 minute
Isolation Resistance
500VDC
1G
Ω min.
Isolation Capacitance
1200pF max.
Notes:
Note7: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - RP12-4815DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP12-4815DA RECOM-RP12-4815DA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
RP12-4815DA RECOM-RP12-4815DA Datasheet
96Kb / 4P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-4815DASMD RECOM-RP12-4815DASMD Datasheet
96Kb / 4P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-4815DAW RECOM-RP12-4815DAW Datasheet
91Kb / 3P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-4815DAW RECOM-RP12-4815DAW Datasheet
475Kb / 6P
   12 Watt DIP24/SMD Single & Dual Output
More results

Similar Description - RP12-4815DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP12-AW RECOM-RP12-AW Datasheet
475Kb / 6P
   12 Watt DIP24/SMD Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA_07 Datasheet
96Kb / 4P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-243.3SAW RECOM-RP12-243.3SAW Datasheet
91Kb / 3P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com