Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP10-4815DE Datasheet(PDF) 5 Page - Recom International Power

Part # RP10-4815DE
Description  10 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP10-4815DE Datasheet(HTML) 5 Page - Recom International Power

  RP10-4815DE Datasheet HTML 1Page - Recom International Power RP10-4815DE Datasheet HTML 2Page - Recom International Power RP10-4815DE Datasheet HTML 3Page - Recom International Power RP10-4815DE Datasheet HTML 4Page - Recom International Power RP10-4815DE Datasheet HTML 5Page - Recom International Power RP10-4815DE Datasheet HTML 6Page - Recom International Power RP10-4815DE Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
UL General Safety
E196683
UL60950-1 1st Ed.: 2003
C22.2 No. 60950 1st. Ed.: 2003
EMC Compliance
Condition
Standard / Criterion
EMI Standard(12)
with external filter
EN55022, Class A or B
ESD
Radiated Immunity
Fast Transient(13)
Surge(13)
Conducted Immunity
Air ±8kV and Contact ± 6kV
10 V/m
±2kV
±2kV
10 Vr.m.s
EN61000-4-2, Criteria B
EN61000-4-3, Criteria A
EN61000-4-4, Criteria B
EN61000-4-5, Criteria B
EN61000-4-6, Criteria A
continued on next page
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP10-E
Series
PD-5
REV.: 1/2016
www.recom-power.com
-40
60
85
80 100
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
-40
60
88
80 100
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
Notes:
Note9: M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard version.
Note10: BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment).
Note11: Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a part-
number not shown here please contact our technical support service at techsupportAT@recom-power.com.
Notes:
Note12: The standard modules meet EMI Class A or Class B with external components, see filter suggestions below.
Note13: An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor
Recom suggests: Nippon chemi-con KY series, 220μF/100V.
RP10-4805SE/M1-HC
RP10-4805SE/M1
Input
Input
DC
DC
Fuse
C1
+VIN
+VOUT
-VOUT
-VIN
C3
C2
C2
DC
DC
Fuse
C1
+VIN
+VOUT
COM
-VOUT
-VIN
C3
Input
Input
DC
DC
Fuse
C1
+VIN
+VOUT
-VOUT
-VIN
C3
C2
C2
DC
DC
Fuse
C1
+VIN
+VOUT
COM
-VOUT
-VIN
C3
MODEL
C1
C2
C3
RP10-12xxS_DE
2.2μF/25V
1206 MLCC
1000pF/2kV
1808 MLCC
1000pF/2kV
1808 MLCC
RP10-24xxS_DE
N/A
1000pF/2kV
1808 MLCC
1000pF/2kV
1808 MLCC
RP10-48xxS_DE
N/A
1000pF/2kV
1808 MLCC
1000pF/2kV
1808 MLCC
EMI Filtering Class A


Similar Part No. - RP10-4815DE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-4815DE RECOM-RP10-4815DE Datasheet
101Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP10-4815DE RECOM-RP10-4815DE Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-4815DEM2 RECOM-RP10-4815DEM2 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-4815DEN RECOM-RP10-4815DEN Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-4815DEP RECOM-RP10-4815DEP Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
More results

Similar Description - RP10-4815DE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
REC10-M RECOM-REC10-M Datasheet
105Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DC-277 RECOM-RAC10-S-DC-277 Datasheet
106Kb / 4P
   10 Watt Single / Dual Output
RP10-A RECOM-RP10-A Datasheet
524Kb / 7P
   10 Watt Single & Dual Output
RP10-EW RECOM-RP10-EW Datasheet
495Kb / 7P
   10 Watt Single & Dual Output
RAC10-3.3SA RECOM-RAC10-3.3SA Datasheet
87Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DA RECOM-RAC10-S-DA Datasheet
87Kb / 2P
   10 Watt Single/Dual Output
RAC10-C-277 RECOM-RAC10-C-277 Datasheet
105Kb / 4P
   10 Watt Single / Dual Output
logo
RSG Electronic Componen...
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
logo
Recom International Pow...
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com