Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP15-1205DF Datasheet(PDF) 1 Page - Recom International Power

Part # RP15-1205DF
Description  15 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-1205DF Datasheet(HTML) 1 Page - Recom International Power

  RP15-1205DF Datasheet HTML 1Page - Recom International Power RP15-1205DF Datasheet HTML 2Page - Recom International Power RP15-1205DF Datasheet HTML 3Page - Recom International Power RP15-1205DF Datasheet HTML 4Page - Recom International Power RP15-1205DF Datasheet HTML 5Page - Recom International Power RP15-1205DF Datasheet HTML 6Page - Recom International Power RP15-1205DF Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
Regulated
Converters
• 2:1 Input Voltage Range
• 1.6kVDC Isolation
• UL Certified
• Efficiency up to 88%
• Six-Sided Continuous Shield
• Fixed Operating Frequency
PD-1
REV.: 1/2016
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
Description
The RP15-F series DC/DC converters are certified to UL 60950-1 and to cUL 60950-1. This makes
them ideal for all telecom and industrial applications where approved safety standards are required. The
industry standard 2” x 1” package meets military standards for thermal shock and vibration tolerance.
E196683
15 Watt
2“ x 1“
Single & Dual
Output
RP15-F
Selection Guide
Part Number
Input
Output
Output
Input(1) Efficiency(1) Max. Capacitive
Voltage Range
Voltage
Current
Current
typ.
Load(2)
[VDC]
[VDC]
[mA]
[mA]
[%]
[µF]
RP15-123.3SF(3,4)
9-18
3.3
4000
1392
79
10200
RP15-1205SF(3,4)
9-18
5
3000
1524
82
7050
RP15-1212SF(3,4)
9-18
12
1250
1453
86
1035
RP15-1215SF(3,4)
9-18
15
1000
1453
86
705
RP15-243.3SF(3,4)
18-36
3.3
4000
688
80
10200
RP15-2405SF(3,4)
18-36
5
3000
744
84
7050
RP15-2412SF(3,4)
18-36
12
1250
735
85
1035
RP15-2415SF(3,4)
18-36
15
1000
735
85
705
RP15-483.3SF(3,4)
36-75
3.3
4000
340
81
10200
RP15-4805SF(3,4)
36-75
5
3000
377
83
7050
RP15-4812SF(3,4)
36-75
12
1250
359
87
1035
RP15-4815SF(3,4)
36-75
15
1000
363
86
705
RP15-1205DF(3,4)
9-18
±5
±1500
1506
83
±1020
RP15-1212DF(3,4)
9-18
±12
±625
1453
86
±495
RP15-1215DF(3,4)
9-18
±15
±500
1488
84
±165
RP15-2405DF(3,4)
18-36
±5
±1500
744
84
±1020
RP15-2412DF(3,4)
18-36
±12
±625
727
86
±495
RP15-2415DF(3,4)
18-36
±15
±500
727
86
±165
RP15-4805DF(3,4)
36-75
±5
±1500
368
85
±1020
RP15-4812DF(3,4)
36-75
±12
±625
355
88
±495
RP15-4815DF(3,4)
36-75
±15
±500
359
87
±165
UL60950-1 Certified
Ordering Examples
RP15-2405SF/P = 24V Input, 5V Output, Positive Logic CTRL pin fitted
RP15-4805DF-HC = 48V Input, ±5V Output, No CTRL pin, Heat-sink fitted
Input Voltage
Output Voltage
Single or Dual
RP15-__ __ _F/_ _
Package(4)
Control Logic(3)
Model Numbering
Notes:
Note3: Standard part is without suffixes and Trim and CTRL pins aren’t fitted.
add suffix “P” for CTRL function with positive logic (1=ON, 0=OFF)
add suffix “N” for CTRL function with negative logic (0=ON, 1=OFF)
Note4: add suffix -HC for premounted Heat-sink and clips
Notes:
Note1: Maximum value at nominal input voltage and full load.
Note2: Test by minimum Vin and constant resistor load.


Similar Part No. - RP15-1205DF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-1205DF RECOM-RP15-1205DF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1205DFN RECOM-RP15-1205DFN Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1205DFP RECOM-RP15-1205DFP Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
More results

Similar Description - RP15-1205DF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-FW RECOM-RP15-FW Datasheet
494Kb / 7P
   15 Watt Single & Dual Output
RP15-A RECOM-RP15-A Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW_06 Datasheet
85Kb / 4P
   15 Watt Single & Dual Output
RP15-AW RECOM-RP15-AW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
RP15-2415DA RECOM-RP15-2415DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
REC15-M RECOM-REC15-M Datasheet
116Kb / 2P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW Datasheet
96Kb / 4P
   15 Watt Single & Dual Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com