Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP20-2405SF Datasheet(PDF) 6 Page - Recom International Power

Part # RP20-2405SF
Description  20 Watt Single & Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-2405SF Datasheet(HTML) 6 Page - Recom International Power

  RP20-2405SF Datasheet HTML 1Page - Recom International Power RP20-2405SF Datasheet HTML 2Page - Recom International Power RP20-2405SF Datasheet HTML 3Page - Recom International Power RP20-2405SF Datasheet HTML 4Page - Recom International Power RP20-2405SF Datasheet HTML 5Page - Recom International Power RP20-2405SF Datasheet HTML 6Page - Recom International Power RP20-2405SF Datasheet HTML 7Page - Recom International Power RP20-2405SF Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PD-6
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP20-F
Series
Input
Input
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
+VOUT
COM
-VOUT
L1
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
L1
Input
Input
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
+VOUT
COM
-VOUT
L1
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
L1
EMI Filtering Class B
MODEL
C1
C2
C3/C4
L1
RP20-12xxSF
RP20-12xxDF
3.3µF/50V
1812 MLCC
3.3µF/50V
1812 MLCC
1000pF/2kV
1808 MLCC
CMC: 450µH
ref.: WE 74482270005
ref.: CMC-05
RP20-24xxSF
RP20-24xxDF
4.7µF/50V
1812 MLCC
N/A
1000pF/2kV
1808 MLCC
CMC: 450µH
ref.: WE 74482270005
ref.: CMC-05
RP20-48xxSF
RP20-48xxDF
2.2µF/100V
1812 MLCC
2.2µF/100V
1812 MLCC
1000pF/2kV
1808 MLCC
CMC: 450µH
ref.: WE 74482270005
ref.: CMC-05
Input
Input
DC
DC
Fuse
C1
+VIN
+VOUT
-VOUT
-VIN
C3
C2
C2
DC
DC
Fuse
C1
+VIN
+VOUT
COM
-VOUT
-VIN
C3
Input
Input
DC
DC
Fuse
C1
+VIN
+VOUT
-VOUT
-VIN
C3
C2
C2
DC
DC
Fuse
C1
+VIN
+VOUT
COM
-VOUT
-VIN
C3
EMI Filtering Class A
MODEL
C1
C2
C3
RP20-12xxSF
RP20-12xxDF
4.7µF/50V
1812 MLCC
1000pF/2kV
1808 MLCC
1000pF/2kV
1808 MLCC
RP20-24xxSF
RP20-24xxDF
2.2µF/50V
1812 MLCC
1000pF/2kV
1808 MLCC
1000pF/2kV
1808 MLCC
RP20-48xxSF
RP20-48xxDF
2.2µF/100V
1812 MLCC
1000pF/2kV
1808 MLCC
1000pF/2kV
1808 MLCC


Similar Part No. - RP20-2405SF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-2405SF RECOM-RP20-2405SF Datasheet
125Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP20-2405SF RECOM-RP20-2405SF Datasheet
96Kb / 4P
   20 Watt 2inch x 1inch Package Single & Dual Output
RP20-2405SF RECOM-RP20-2405SF Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RP20-2405SFN RECOM-RP20-2405SFN Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RP20-2405SFR RECOM-RP20-2405SFR Datasheet
496Kb / 8P
   DC/DC Converter
More results

Similar Description - RP20-2405SF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
RP20-FW RECOM-RP20-FW Datasheet
467Kb / 7P
   20 Watt Single & Dual Output
RP20-2433SEW RECOM-RP20-2433SEW Datasheet
96Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW_17 Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com