Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP15-4815SA Datasheet(PDF) 6 Page - Recom International Power

Part # RP15-4815SA
Description  15 Watt Single & Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-4815SA Datasheet(HTML) 6 Page - Recom International Power

  RP15-4815SA Datasheet HTML 1Page - Recom International Power RP15-4815SA Datasheet HTML 2Page - Recom International Power RP15-4815SA Datasheet HTML 3Page - Recom International Power RP15-4815SA Datasheet HTML 4Page - Recom International Power RP15-4815SA Datasheet HTML 5Page - Recom International Power RP15-4815SA Datasheet HTML 6Page - Recom International Power RP15-4815SA Datasheet HTML 7Page - Recom International Power RP15-4815SA Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
UL General Safety
E196683
UL60950-1 1st Ed.: 2003
C22.2 No. 60950 1st. Ed.: 2003
EMC Compliance
Condition
Standard / Criterion
EMI Standard(10)
with external filter
EN55022, Class A, Class B
ESD
Radiated Immunity
Fast Transient(11)
Surge(11)
Conducted Immunity
Air ±8kV and Contact ± 6kV
10 V/m
±2kV
±1kV
10 Vr.m.s
EN61000-4-2, Criteria A
EN61000-4-3, Criteria A
EN61000-4-4, Criteria A
EN61000-4-5, Criteria A
EN61000-4-6, Criteria A
continued on next page
PD-6
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP15-A
Series
Input
DC
DC
Fuse
C1
C2
+VIN
+VOUT
-VOUT
-VIN
C4
C3
Input
DC
DC
Fuse
C1
C2
+VIN
+VOUT
-VOUT
-VIN
C4
C3
Input
DC
DC
Fuse
C1
C2
+VIN
+VOUT
-VOUT
-VIN
C4
C3
Input
DC
DC
Fuse
C1
C2
+VIN
+VOUT
-VOUT
-VIN
C4
C3
EMI Filtering Class A
MODEL
C1
C2
C3/C4
RP15-12xxS_DA
10µF/25V
1812 MLCC
N/A
470pF/2kV
1808 MLCC
RP15-24xxS_DA
6.8µF/50V
1812 MLCC
6.8µF/50V
1812 MLCC
470pF/2kV
1808 MLCC
RP15-48xxS_DA
2.2µF/100V
1812 MLCC
2.2µF/100V
1812 MLCC
470pF/2kV
1808 MLCC
Input
Input
DC
DC
Fuse
C3
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C5
L1
DC
DC
Fuse
C3
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C5
L1
EMI Filtering Class B
Notes:
Note10: The standard modules meet EMI Class A or Class B with external components, see filter suggestions below.
Note11: An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Recom
suggests: Nippon chemi-con KY series, 220µF/100V.


Similar Part No. - RP15-4815SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-4815SA RECOM-RP15-4815SA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
RP15-4815SAW RECOM-RP15-4815SAW Datasheet
119Kb / 5P
   Ultraminiature 25.4 x25.4x9.9mm Package
RP15-4815SAW RECOM-RP15-4815SAW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
RP15-4815SAW-HC RECOM-RP15-4815SAW-HC Datasheet
119Kb / 5P
   Ultraminiature 25.4 x25.4x9.9mm Package
RP15-4815SAWN RECOM-RP15-4815SAWN Datasheet
119Kb / 5P
   Ultraminiature 25.4 x25.4x9.9mm Package
More results

Similar Description - RP15-4815SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-FW RECOM-RP15-FW Datasheet
494Kb / 7P
   15 Watt Single & Dual Output
RP15-F RECOM-RP15-F Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW_06 Datasheet
85Kb / 4P
   15 Watt Single & Dual Output
RP15-AW RECOM-RP15-AW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
RP15-2415DA RECOM-RP15-2415DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
REC15-M RECOM-REC15-M Datasheet
116Kb / 2P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW Datasheet
96Kb / 4P
   15 Watt Single & Dual Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com