Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP20-2412SAW Datasheet(PDF) 5 Page - Recom International Power

Part # RP20-2412SAW
Description  20 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-2412SAW Datasheet(HTML) 5 Page - Recom International Power

  RP20-2412SAW Datasheet HTML 1Page - Recom International Power RP20-2412SAW Datasheet HTML 2Page - Recom International Power RP20-2412SAW Datasheet HTML 3Page - Recom International Power RP20-2412SAW Datasheet HTML 4Page - Recom International Power RP20-2412SAW Datasheet HTML 5Page - Recom International Power RP20-2412SAW Datasheet HTML 6Page - Recom International Power RP20-2412SAW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Condition
Standard
UL General Safety
E196683
UL60950-1 1st Ed.: 2003
C22.2 No. 60950 1st. Ed.: 2003
EMC Compliance
Condition
Standard / Criterion
EMI Standard(10)
with external filter
EN55022, Class A or B
ESD
Radiated Immunity
Fast Transient(11)
Surge(11)
Conducted Immunity
Air ±8kV and Contact ±6kC
10 V/m
±2kV
±2kV
10 Vr.m.s
EN61000-4-2, Criteria A
EN61000-4-3, Criteria A
EN61000-4-4, Criteria A
EN61000-4-5, Criteria A
EN61000-4-6, Criteria A
continued on next page
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP20-AW
Series
PD-5
REV.: 1/2016
www.recom-power.com
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating
with derating
-40°C to +68°C
-40°C to +101°C
Maximum Case Temperature
+105°C
Temperature Coefficient
±0.02%/°C max.
Thermal Impedance
Natural convection
Natural convection with Heat Sink
17.6°C/Watt
14.8°C/Watt
Operating Humidity
5% - 95% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF(8)
Bellcore TR-NWT-000332
MIL-HDBK-217F
1766 x 103 hours
1469 x 103 hours
-40
60
80
94
68
100
101
120
40
20
0
-20
0
20
10
40
60
80
100
Ambient Temperature [°C]
-40
60
80
97
73
101 120
40
20
0
-20
0
20
10
40
60
80
100
Ambient Temperature [°C]
Derating Graph(9)
Notes:
Note8: BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C.
MIL-HDBK 217F Notice 2. Ta = 25°C, full load, (Ground, Benign, controlled environment).
Note9: Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a part-
number not shown here please contact our technical support service at techsupportAT@recom-power.com.
RP20-4815SAW
RP20-4815SAW with Heat-sink
Notes:
Note10: The standard modules meet EMI Class A or Class B with external components, see filter suggestions below.
Note11: An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Recom
suggests: Nippon chemi-con KY series, 220µF/100V.


Similar Part No. - RP20-2412SAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-2412SAW RECOM-RP20-2412SAW Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
More results

Similar Description - RP20-2412SAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RP20-F RECOM-RP20-F Datasheet
489Kb / 8P
   20 Watt Single & Dual Output
RP20-FW RECOM-RP20-FW Datasheet
467Kb / 7P
   20 Watt Single & Dual Output
RP20-2433SEW RECOM-RP20-2433SEW Datasheet
96Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW_17 Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com