Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP15-483.3SOFW Datasheet(PDF) 6 Page - Recom International Power

Part # RP15-483.3SOFW
Description  15 Watt Single Output Open Frame SMD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-483.3SOFW Datasheet(HTML) 6 Page - Recom International Power

  RP15-483.3SOFW Datasheet HTML 1Page - Recom International Power RP15-483.3SOFW Datasheet HTML 2Page - Recom International Power RP15-483.3SOFW Datasheet HTML 3Page - Recom International Power RP15-483.3SOFW Datasheet HTML 4Page - Recom International Power RP15-483.3SOFW Datasheet HTML 5Page - Recom International Power RP15-483.3SOFW Datasheet HTML 6Page - Recom International Power RP15-483.3SOFW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PD-6
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP15-OFW
Series
Input
Input
DC
DC
Fuse
C1
L1
+VIN
+VOUT
-VOUT
-VIN
C2
C2
C3
DC
DC
Fuse
C1
+VIN
+VOUT
COM
-VOUT
-VIN
C3
EMI Filtering Class A
MODEL
C1
C2/C3
L1
RP15-24xxSOFW
6.8μF/50V
1812 MLCC
470pF/3kV
1808 MLCC
10μH 2.6A 0.04
0705 SMD Inductor
ref.: WE 744787330
RP15-48xxSOFW
2.2μF/100V
1812 MLCC
470pF/3kV
1808 MLCC
18μH 1.6A 0.1
0705 SMD Inductor
ref.: WE 744053180
Input
Input
DC
DC
Fuse
C4
C3
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C5
C6
+VOUT
COM
-VOUT
L1
L2
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
L1
EMI Filtering Class B
MODEL
C1
C2
C3/C4
C5/C6
L1
L2
RP15-24xxSOFW
N/A
6.8μF/50V
1812 MLCC
6.8μF/50V
1812 MLCC
470pF/3kV
1808 MLCC
CMC: 145μH
ref.: WE 7482210002
ref.: CMC-07
10μH 2.6A 0.04
0705 SMD Inductor
ref.: WE 744787330
RP15-48xxSOFW
2.2μF/100V
1812 MLCC
2.2μF/100V
1812 MLCC
2.2μF/100V
1812 MLCC
470pF/3kV
1808 MLCC
CMC: 325μH
ref.: WE 744290321
ref.: CMC-06
33μH 1.2A 0.13
0504 SMD Inductor
ref.: WE 744787100
DIMENSIONS and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Base
FR4 PCB
Package Dimensions (LxWxH)
27.9 x 23.9 x 8.5mm
Package Weight
10.5g
continued on next page


Similar Part No. - RP15-483.3SOFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-483.3SOF RECOM-RP15-483.3SOF Datasheet
523Kb / 7P
   15 Watt Single Output Open Frame SMD
More results

Similar Description - RP15-483.3SOFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-OF RECOM-RP15-OF Datasheet
523Kb / 7P
   15 Watt Single Output Open Frame SMD
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
   60 Watt Open Frame Single Output
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
   48 Watt Open Frame Single Output
RAC60-OF RECOM-RAC60-OF Datasheet
91Kb / 2P
   60 Watt Open Frame Single Output
logo
CINCON ELECTRONICS Corp...
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
   60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM06S CINCON-CFM06S Datasheet
234Kb / 2P
   6 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM41S CINCON-CFM41S Datasheet
440Kb / 3P
   40 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM12S CINCON-CFM12S Datasheet
482Kb / 3P
   12 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM25S CINCON-CFM25S Datasheet
463Kb / 3P
   25 WATT SINGLE OUTPUT AC-DC OPEN FRAME
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com