Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD07 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD07
Description  HIGH OUTPUT RS-485 TRANSCEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD07 Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD07 Datasheet HTML 1Page - Texas Instruments SN65HVD07 Datasheet HTML 2Page - Texas Instruments SN65HVD07 Datasheet HTML 3Page - Texas Instruments SN65HVD07 Datasheet HTML 4Page - Texas Instruments SN65HVD07 Datasheet HTML 5Page - Texas Instruments SN65HVD07 Datasheet HTML 6Page - Texas Instruments SN65HVD07 Datasheet HTML 7Page - Texas Instruments SN65HVD07 Datasheet HTML 8Page - Texas Instruments SN65HVD07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN65HVD05,SN65HVD06, SN65HVD07
SN75HVD05, SN75HVD06, SN75HVD07
SLLS533B – MAY 2002 – REVISED MAY 2003
www.ti.com
5
RECEIVER ELECTRICAL CHARACTERISTICS
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT+
Positive-going input threshold
voltage
IO = –8 mA
–0.01
V
VIT–
Negative-going input threshold
voltage
IO = 8 mA
–0.2
V
Vhys
Hysteresis voltage (VIT+ – VIT–)
35
mV
VIK
Enable-input clamp voltage
II = –18 mA
–1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = –8 mA,
See Figure 7
4
V
VOL
Low-level output voltage
VID = –200 mV,
IOL = 8 mA,
See Figure 7
0.4
V
IOZ
High-impedance-state output
current
VO = 0 or VCC
RE at VCC
–1
1
µA
VA or VB = 12 V
0.23
0.5
HVD05
Other input
VA or VB = 12 V,
VCC = 0 V
0.3
0.5
mA
HVD05
Other in ut
at 0 V
VA or VB = –7 V
–0.4
–0.13
mA
II
Bus input current
VA or VB = –7 V,
VCC = 0 V
–0.4
–0.15
II
Bus input current
VA or VB = 12 V
0.06
0.1
HVD06,
Other input
VA or VB = 12 V,
VCC = 0 V
0.08
0.13
mA
HVD06,
HVD07
Other in ut
at 0 V
VA or VB = –7 V
–0.1
–0.05
mA
VA or VB = –7 V,
VCC = 0 V
–0.05
–0.03
IIH
High-level input current, RE
VIH = 2 V
–60
–26.4
µA
IIL
Low-level input current, RE
VIL = 0.8 V
–60
–27.4
µA
C(diff)
Differential input capacitance
VI = 0.4 sin (4E6πt) + 0.5 V,
DE at 0 V
16
pF
RE at 0 V,
D & DE at 0 V,
No load
Receiver enabled and driver disabled
5
10
mA
ICC
Supply current
RE at VCC,
DE at 0 V,
D at VCC,
No load
Receiver disabled and driver disabled
(standby)
1
5
µA
RE at 0 V,
D & DE at VCC,
No load
Receiver enabled and driver enabled
9
15
mA
(1) All typical values are at 25
°C and with a 5-V supply.


Similar Part No. - SN65HVD07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD07 TI-SN65HVD07 Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
SN65HVD07D TI-SN65HVD07D Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
SN65HVD07DG4 TI-SN65HVD07DG4 Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
SN65HVD07DR TI-SN65HVD07DR Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
SN65HVD07DRG4 TI-SN65HVD07DRG4 Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD05 TI-SN65HVD05_07 Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
logo
Exar Corporation
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com