Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS2806Y Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS2806Y
Description  Dual, 12-Bit, 32MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS2806Y Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS2806Y Datasheet HTML 7Page - Burr-Brown (TI) ADS2806Y Datasheet HTML 8Page - Burr-Brown (TI) ADS2806Y Datasheet HTML 9Page - Burr-Brown (TI) ADS2806Y Datasheet HTML 10Page - Burr-Brown (TI) ADS2806Y Datasheet HTML 11Page - Burr-Brown (TI) ADS2806Y Datasheet HTML 12Page - Burr-Brown (TI) ADS2806Y Datasheet HTML 13Page - Burr-Brown (TI) ADS2806Y Datasheet HTML 14Page - Burr-Brown (TI) ADS2806Y Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ADS2806
SBAS178B
11
www.ti.com
Figure 2 shows an example of such an interface circuit
specifically designed to maximize the dynamic performance.
The voltage feedback amplifier, OPA642, maintains an
excellent distortion performance for input frequencies of up
to 15MHz. The two amplifiers (A1, A2) are configured as an
inverting and noninverting gain stage to convert the input
signal from single-ended to differential. The nominal gain for
this stage is set to +2V/V. The outputs of the OPA642s are
AC-coupled to the converter’s differential inputs. This will
keep the distortion performance at its best since the signal
range stays within the linear region of the op amp and
sufficient headroom to the supply rails can be maintained.
Four resistors located between the top (REFT) and bottom
(REFB) reference shift the input signal to a common-mode
voltage of approximately +2.5V.
The interface circuit of Figure 2 can be modified to extend
the bandwidth to approximately 25MHz, by replacing the
OPA642 with its decompensated version, the OPA643. The
OPA643 provides the necessary slew rate for a low distor-
FIGURE 2. AC-Coupled Differential Driver Interface with OPA642.
FIGURE 3. AC-Coupled, Differential Interface for Single-Supply Operation.
V
IN
1/2
ADS2806Y
100pF
IN
IN
402
1.82k
1.82k
16.5
200
402
402
REFB
100pF
0.1
µF
0.1
µF
A1
OPA642
A2
OPA642
REFT
1.82k
1.82k
16.5
One Channel of Two
V
IN
1/2
ADS2806Y
68pF
IN
CM
IN
+5V
68pF
0.1
µF
0.1
µF
0.1
µF
1/2
OPA2681
1/2
OPA2681
R
G
249
R
F
499
499
R
S
24.9
V
CM = +2.5V
R
P
499
R
P
499
R
F
499
R
IN
249
R
S
24.9
One Channel of Two
tion front end to the ADS2806. With a minimum gain stability
of +3, the gain resistors have to be modified, as well as
optimizing the series resistor and shunt capacitance at each
of the converter inputs.
AC-Coupled, Single-Ended-to-Differential Interface
for Single-Supply Operation
The previously discussed interface circuit can be modified if
the system only allows for a single-supply operation, e.g.,
VS = +5V. Single-supply operation requires the driver ampli-
fier to be biased as well in order to process a bipolar input
signal. Typically, single-supply amplifiers do not achieve
distortion performance as well as dual-supply op amps. The
driver amplifier’s output swing must exceed the full-scale
input range of the converter. In addition, dual op amps, such
as the current-feedback OPA2681, should be considered
since they provide the closest open-loop gain and phase
matching between the two channels. Shown in Figure 3 is
a single-supply interface circuit for an AC-coupled input
signal. With the ADS2806 set to the 2Vp-p input range, the


Similar Part No. - ADS2806Y

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS2807 BURR-BROWN-ADS2807 Datasheet
377Kb / 19P
   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS2807 TI-ADS2807 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS2807 TI-ADS2807 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS2807Y TI-ADS2807Y Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS2807Y/1K5 TI-ADS2807Y/1K5 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS2806Y

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS2807 BURR-BROWN-ADS2807 Datasheet
377Kb / 19P
   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS2807Y1K5 TI-ADS2807Y1K5 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS2807Y TI-ADS2807Y Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com