Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0734120251 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0734120251
Description  MCRF-to-Pigtail, 1.13mm Cable Diameter, Length 162.00mm, 50 Ohms
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734120251 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734120251 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/13/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734120251
Status:
Active
Overview:
RF/Microwave Products
Description:
MCRF-to-Pigtail, 1.13mm Cable Diameter, Length 162.00mm, 50 Ohms
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
73412
Assembly Configuration
Single Ended Connector
Connector to Connector
MCRF-to-Pigtail
Overview
RF/Microwave Products
Product Name
MCRF, RF
UPC
822348139415
Physical
Cable Length
162.00mm
Circuits (Loaded)
0
Gender
Plug-Pigtail
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Resin
Polyester
Net Weight
0.560/g
Packaging Type
Bag
Single Ended
Yes
Wire/Cable Type
Coaxial
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73412-025
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73412 Series
This document was generated on 07/13/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0734120251

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734120250 MOLEX11-0734120250 Datasheet
25Kb / 1P
   MCRF-to-Pigtail, 1.13mm Cable Diameter, Length 102.00mm, 50 Ohms
0734120252 MOLEX11-0734120252 Datasheet
25Kb / 1P
   MCRF-to-Pigtail, 1.13mm Cable Diameter, Length 180.00mm, 50 Ohms
0734120253 MOLEX11-0734120253 Datasheet
25Kb / 1P
   MCRF-to-Pigtail, 1.13mm Cable Diameter, Length 50.80mm, 50 Ohms
0734120254 MOLEX11-0734120254 Datasheet
25Kb / 1P
   MCRF-to-Pigtail, 1.13mm Cable Diameter, Length 122.00mm, 50 Ohms
More results

Similar Description - 0734120251

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734120253 MOLEX11-0734120253 Datasheet
25Kb / 1P
   MCRF-to-Pigtail, 1.13mm Cable Diameter, Length 50.80mm, 50 Ohms
0734120250 MOLEX11-0734120250 Datasheet
25Kb / 1P
   MCRF-to-Pigtail, 1.13mm Cable Diameter, Length 102.00mm, 50 Ohms
0734120504 MOLEX11-0734120504 Datasheet
29Kb / 1P
   MCRF-to-MCRF, 1.32mm Cable Diameter, Length 162.00mm, 50 Ohms
0734120254 MOLEX11-0734120254 Datasheet
25Kb / 1P
   MCRF-to-Pigtail, 1.13mm Cable Diameter, Length 122.00mm, 50 Ohms
0734120252 MOLEX11-0734120252 Datasheet
25Kb / 1P
   MCRF-to-Pigtail, 1.13mm Cable Diameter, Length 180.00mm, 50 Ohms
0731160015 MOLEX11-0731160015 Datasheet
63Kb / 1P
   MCRF-to-Pigtail, 1.13mm Cable Diameter, Length 152.4mm, H18, 50 Ohms
0731160017 MOLEX11-0731160017 Datasheet
63Kb / 1P
   MCRF-to-Pigtail, 1.13mm Cable Diameter, Length 304.8mm, H18, 50 Ohms
0734120232 MOLEX11-0734120232 Datasheet
27Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 65.00mm, 50 Ohms
0734120237 MOLEX11-0734120237 Datasheet
27Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 240.00mm, 50 Ohms
0734120231 MOLEX11-0734120231 Datasheet
27Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 110.00mm, 50 Ohms
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com