Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMC3.6 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZMC3.6
Description  Surface mount Silicon Planar Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZMC3.6 Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZMC3.6 Datasheet HTML 1Page - Diotec Semiconductor ZMC3.6 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZMC2.4 ... ZMC75 (500 mW)
Maximum ratings and Characteristics
(Tj = 25°C unless otherwise specified)
Grenz- und Kennwerte
(Tj = 25°C wenn nicht anders spezifiziert)
Type
Typ
Zener voltage 2)
Zener-Spannung 2)
IZ = 5 mA
Dynamic resistance
Diff. Widerstand
rzj [Ω] at f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-Spannung
Reverse volt.
Sperrspanng.
IR = 100 nA
Z-current 1)
Z-Strom 1)
TA = 25°C
Vzmin [V]
Vzmax [V]
IZ = 5 mA
IZ = 1 mA
αVZ [10-4 /°C]
VR [V]
IZmax [mA]
ZMC2.4
2.28
2.56
< 85
< 600
-9...-6
1 (50 µA)
195
ZMC2.7
2.5
2.9
< 85
< 600
-9...-6
1 (10 µA)
172
ZMC3.0
2.8
3.2
< 85
< 600
-8...-5
1 (4 µA)
156
ZMC3.3
3.1
3.5
< 85
< 550
-8...-5
1 (2 µA)
143
ZMC3.6
3.4
3.8
< 85
< 550
-8...-5
1 (2 µA)
132
ZMC3.9
3.6
4.2
< 85
< 550
-8...-5
1 (2 µA)
119
ZMC4.3
4.0
4.6
< 75
< 500
-6...-3
1 (1 µA)
109
ZMC4.7
4.4
5.0
< 60
< 500
-5...+2
1 (0.5 µA)
100
ZMC5.1
4.8
5.4
< 35
< 500
-2...+2
1
93
ZMC5.6
5.2
6.0
< 25
< 450
-5...+5
1
83
ZMC6.2
5.8
6.6
< 10
< 200
+3...+6
2
76
ZMC6.8
6.4
7.2
< 8
< 150
+3...+7
3
69
ZMC7.5
7.0
7.9
< 7
< 50
+3...+7
5
63
ZMC8.2
7.7
8.7
< 7
< 50
+3...+8
6
57
ZMC9.1
8.5
9.6
< 10
< 50
+3...+9
7
52
ZMC10
9.4
10.6
< 15
< 70
+3...+10
7
47
ZMC11
10.4
11.6
< 20
< 70
+3...+11
8
43
ZMC12
11.4
12.7
< 20
< 90
+3...+11
9
39
ZMC13
12.4
14.1
< 26
< 110
+3...+11
10
35
ZMC15
13.8
15.6
< 30
< 110
+3...+11
11
32
ZMC16
15.3
17.1
< 40
< 170
+3...+11
12
29
ZMC18
16.8
19.1
< 50
< 170
+3...+11
13
26
ZMC20
18.8
21.2
< 55
< 220
+3...+11
15
24
ZMC22
20.8
23.3
< 55
< 220
+4...+12
16
21
ZMC24
22.8
25.6
< 70
< 220
+4...+12
18
20
ZMC27
25.1
28.9
< 80
< 250
+4...+12
20
17
ZMC30
28
32
< 80
< 250
+4...+12
22
16
ZMC33
31
35
< 80
< 250
+4...+12
24
14
ZMC36
34
38
< 90
< 250
+4...+12
27
13
ZMC39
37
41
< 90
< 300
+4...+12
30
12
ZMC43
40
46
< 100
< 500
+4...+12
33
11
ZMC47
44
50
< 110
< 600
+4...+12
36
10
ZMC51
48
54
< 125
< 700
+4...+12
39
9
ZMC56
52
60
< 135
< 700
+4...+12
43
8
ZMC62
58
66
< 150
< 1000
+4...+12
47
8
ZMC68
64
72
< 200
< 1000
+4...+12
51
7
ZMC75
70
79
< 250
< 1000
+4...+12
56
6
1
Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - ZMC3.6

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMC3.6 DIOTEC-ZMC3.6 Datasheet
50Kb / 2P
   Surface mount Zener Diodes
ZMC3.6 DIOTEC-ZMC3.6 Datasheet
93Kb / 2P
   Surface mount Silicon Planar Zener Diodes
ZMC3.6 DIOTEC-ZMC3.6 Datasheet
91Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
ZMC3.6UDZB SEMTECH_ELEC-ZMC3.6UDZB Datasheet
416Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
18/07/2009
More results

Similar Description - ZMC3.6

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BZT52C2V4 DIOTEC-BZT52C2V4_10 Datasheet
96Kb / 2P
   Surface mount Silicon Planar Zener Diodes
ZMM3B9 DIOTEC-ZMM3B9_15 Datasheet
94Kb / 2P
   Surface mount Silicon Planar Zener Diodes
MMSZ5225B DIOTEC-MMSZ5225B_07 Datasheet
98Kb / 2P
   Surface mount Silicon Planar Zener Diodes
BZX84C2V7 DIOTEC-BZX84C2V7 Datasheet
97Kb / 2P
   Surface Mount Silicon Planar Zener Diodes
ZMM1 DIOTEC-ZMM1_13 Datasheet
348Kb / 3P
   Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_13 Datasheet
296Kb / 2P
   Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_15 Datasheet
103Kb / 2P
   Surface mount Silicon Planar Zener Diodes
BZT52C2V4 DIOTEC-BZT52C2V4_15 Datasheet
87Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MMBZ5237DW YFWDIODE-MMBZ5237DW Datasheet
396Kb / 3P
   Surface Mount Silicon Planar Zener Diodes
logo
Diotec Semiconductor
ZMM1-2P DIOTEC-ZMM1-2P Datasheet
134Kb / 3P
   Surface mount Silicon Planar Zener Diodes
BZX84B2V4 DIOTEC-BZX84B2V4_15 Datasheet
120Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com