Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V201L15JI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72V201L15JI
Description  3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V201L15JI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72V201L15JI Datasheet HTML 6Page - Integrated Device Technology IDT72V201L15JI Datasheet HTML 7Page - Integrated Device Technology IDT72V201L15JI Datasheet HTML 8Page - Integrated Device Technology IDT72V201L15JI Datasheet HTML 9Page - Integrated Device Technology IDT72V201L15JI Datasheet HTML 10Page - Integrated Device Technology IDT72V201L15JI Datasheet HTML 11Page - Integrated Device Technology IDT72V201L15JI Datasheet HTML 12Page - Integrated Device Technology IDT72V201L15JI Datasheet HTML 13Page - Integrated Device Technology IDT72V201L15JI Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
IDT72V201/72V211/72V221/72V231/72V241/72V251 3.3V CMOS SyncFIFO™
256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
NOTE:
1. Only one of the two Write Enable inputs,
WEN1 or WEN2, needs to go inactive to inhibit writes to the FIFO.
Figure 8. Full Flag Timing
NOTE:
1.
When tSKEW1
≥ minimum specification, tFRL maximum = tCLK + tSKEW1
When tSKEW1
< minimum specification, tFRL maximum = 2tCLK + tSKEW1 or tCLK + tSKEW1
The Latency Timings apply only at the Empty Boundary (
EF = LOW).
Figure 9. Empty Flag Timing
tSKEW1
tDS
tSKEW1
tENH
tENH
NEXT DATA READ
DATA READ
WCLK
D0 - D8
FF
WEN1
WEN2
(If Applicable)
RCLK
REN1,
REN2
Q0 - Q8
tWFF
tWFF
tWFF
tENS
tENS
DATA IN OUTPUT REGISTER
OE LOW
NO WRITE
NO WRITE
4092 drw10
tA
tA
tENS
tENS
tENS
(1)
tENS
(1)
tENH
tENH
NO WRITE
tA
tDS
tDS
DATA WRITE 1
tENS
tENH
tENH
tENS
tENH
tENS
tENH
DATA WRITE 2
WCLK
D0 - D8
RCLK
EF
REN1,
REN2
OE
Q0 - Q8
DATA READ
tSKEW1
(1)
tFRL
tFFL
DATA IN OUTPUT REGISTER
(1)
tSKEW1
LOW
tENS
WEN2
(If Applicable)
tREF
tREF
tREF
WEN1
4092 drw11


Similar Part No. - IDT72V201L15JI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V201 IDT-IDT72V201 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
More results

Similar Description - IDT72V201L15JI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com