Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1970 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1970
Description  500mA Power Op Amp with Adjustable Precision Current Limit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1970 Datasheet(HTML) 3 Page - Linear Technology

  LT1970 Datasheet HTML 1Page - Linear Technology LT1970 Datasheet HTML 2Page - Linear Technology LT1970 Datasheet HTML 3Page - Linear Technology LT1970 Datasheet HTML 4Page - Linear Technology LT1970 Datasheet HTML 5Page - Linear Technology LT1970 Datasheet HTML 6Page - Linear Technology LT1970 Datasheet HTML 7Page - Linear Technology LT1970 Datasheet HTML 8Page - Linear Technology LT1970 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1970
1970f
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. See Test Circuit for standard test conditions.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
RL = 1k, –12.5V < VOUT < 12.5V
100
150
V/mV
q
75
V/mV
RL = 100Ω, –12.5V < VOUT < 12.5V
80
120
V/mV
q
40
V/mV
RL = 10Ω, –5V < VOUT < 5V, V+ = – V= 8V
20
60
V/mV
q
5V/mV
VOL
Output Sat Voltage Low
VOL = VOUT – V
RL = 100, VCC = V+ = 15V, VEE = V= –15V
q
1.9
2.4
V
RL = 10, VCC = – VEE = 15V, V+ = –V= 5V
0.8
V
VOH
Output Sat Voltage High
VOH = V+ – VOUT
RL = 100, VCC = V+ = 15V, VEE = V= –15V
q
1.7
2.2
V
RL = 10, VCC = – VEE = 15V, V+ = –V= 5V
1.0
V
ISC
Output Short-Circuit Current
Output Low, RSENSE = 0Ω
500
800
1200
mA
Output High, RSENSE = 0Ω
–1000
– 800
– 500
mA
SR
Slew Rate
–10V < VOUT < 10V, RL = 1k
0.7
1.6
V/
µs
FPBW
Full Power Bandwidth
VOUT = 10VPEAK (Note 5)
11
kHz
GBW
Gain Bandwidth Product
f = 10kHz
3.6
MHz
tS
Settling Time
0.01%, VOUT = 0V to 10V, AV = –1, RL = 1k
8
µs
Current Sense Characteristics
VSENSE(MIN)
Minimum Current Sense Voltage
VCSRC = VCSNK = 0V
0.1
4
7
mV
q
0.1
10
mV
VSENSE(4%)
Current Sense Voltage 4% of Full Scale
VCSRC = VCSNK = 0.2V
q
15
20
25
mV
VSENSE(10%)
Current Sense Voltage 10% of Full Scale
VCSRC = VCSNK = 0.5V
q
45
50
55
mV
VSENSE(FS)
Current Sense Voltage 100% of Full Scale
VCSRC = VCSNK = 5V
490
500
510
mV
q
480
500
520
mV
IBI
Current Limit Control Input Bias Current
VCSRC, VCSNK Pins
q
–1
–0.2
0.1
µA
ISENSE
SENSEInput Current
0V < (VCSRC, VCSNK) < 5V
q
– 200
200
nA
IFILTER
FILTER Input Current
0V < (VCSRC, VCSNK) < 5V
q
– 200
200
nA
ISENSE+
SENSE+ Input Current
VCSRC= VCSNK = 0V
q
–500
500
nA
VCSRC = 5V, VCSNK = 0V
q
200
250
300
µA
VCSRC= 0V, VCSNK = 5V
q
–300
–250
–200
µA
VCSRC = VCSNK = 5V
q
–25
25
µA
Current Sense Change with Output Voltage VCSRC = VCSNK = 5V, –12.5V < VOUT < 12.5V
q
– 0.1
0.1
%
Current Sense Change with Supply Voltage VCSRC = VCSNK = 5V, 6V < (VCC, V+) < 18V
±0.05
%
2.5V < V+ < 18V, VCC = 18V
±0.01
%
–18V < (VEE, V) < –2.5V
±0.05
%
–18V < V< –2.5V, VEE = –18V
±0.01
%
Current Sense Bandwidth
2
MHz
RCSF
Resistance FILTER to SENSE
q
750
1000
1250
Logic I/O Characteristics
Logic Output Leakage ISRC, ISNK, TSD
V = 15V
q
1
µA
Logic Low Output Level
I = 5mA
q
0.2
0.4
V
Logic Output Current Limit
q
25
mA
VENABLE
Enable Logic Threshold
q
0.8
1.6
2.4
V
IENABLE
Enable Pin Bias Current
q
–1
1
µA


Similar Part No. - LT1970

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1970 LINER-LT1970 Datasheet
548Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970A LINER-LT1970A Datasheet
264Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970A LINER-LT1970A_15 Datasheet
271Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970CFE LINER-LT1970CFE Datasheet
548Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970IFE LINER-LT1970IFE Datasheet
548Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
More results

Similar Description - LT1970

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1970A LINER-LT1970A Datasheet
264Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_1 Datasheet
548Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_15 Datasheet
273Kb / 26P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970A LINER-LT1970A_15 Datasheet
271Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
logo
Maxim Integrated Produc...
MAX20313 MAXIM-MAX20313 Datasheet
667Kb / 14P
   Adjustable Current Limit (500mA to 6A)
Rev 0; 6/17
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com