Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SODE1B-SH Datasheet(PDF) 2 Page - Leshan Radio Company

Part # SODE1B-SH
Description  Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SODE1B-SH Datasheet(HTML) 2 Page - Leshan Radio Company

  SODE1B-SH Datasheet HTML 1Page - Leshan Radio Company SODE1B-SH Datasheet HTML 2Page - Leshan Radio Company SODE1B-SH Datasheet HTML 3Page - Leshan Radio Company SODE1B-SH Datasheet HTML 4Page - Leshan Radio Company SODE1B-SH Datasheet HTML 5Page - Leshan Radio Company SODE1B-SH Datasheet HTML 6Page - Leshan Radio Company SODE1B-SH Datasheet HTML 7Page - Leshan Radio Company SODE1B-SH Datasheet HTML 8Page - Leshan Radio Company SODE1B-SH Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2. Characteristic Curves ( TA = 25°C unless otherwise noted )
SODE1A-SH thru SODE1J-SH
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
Fig 4. – Typical Reverse Characteristics
Fig 3. – Typical Instantaneous Forward
Characteristics
Fig 5. –typical transient thermal
impedance
Fig 6. – Typical Junction Capacitance
1
10
100
0
20
40
60
80
100
0.1
1
10
100
100
10
1.0
100
10
1.0
0.1
0.01
30
15
0
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Number of Cycles at 60Hz
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Fig. 1 – Forward Current Derating Curve
0
25
50
75
100 125
150
175
1.0
0.5
0
60 Hz
Resistive or
Inductive Load
0.375" (9.5mm) Lead Length
CASE TEMPERATURE:Tc(°C)
Tj=125℃
Tj=75℃
Tj=25℃
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec
0.7
0.9
1.1
1.3
1.5
1.7
1.0
0.1
0.01
0.001
10
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
Instantaneous Forward Voltage (V)
SODSF11~SODSF14
SODSF15~SODSF16
SODSF17~SODSF18


Similar Part No. - SODE1B-SH

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SODE1A-SH LRC-SODE1A-SH Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SODE1J-SH LRC-SODE1J-SH_15 Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
More results

Similar Description - SODE1B-SH

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SODSF11-SH LRC-SODSF11-SH Datasheet
315Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SODSF18-SH LRC-SODSF18-SH Datasheet
315Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SODE1A-SH LRC-SODE1A-SH Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SODF107-SH LRC-SODF107-SH Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF107 LRC-FFMAF107 Datasheet
248Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SODF101-SH LRC-SODF101-SH Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA160 LRC-LUMA160 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF11G LRC-SF11G Datasheet
241Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com