Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAP64-06W Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BAP64-06W
Description  Pin Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAP64-06W Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAP64-06W Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP64-06W Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP64-06W Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP64-06W Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP64-06W Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward Voltage
VF
IF=50mA
1.1
V
IR1
VR1=175V
10
Reverse Current
IR2
VR2=20V
1
A
Cd1
VR=0V, f=1MHz
0.52
Cd2
VR=1V,f=1MHz
0.5
Diode Capacitance
Cd3
VR=20V,f=1MHz
0.35
pF
rd1
IF=0.5mA, f=100MHz
40
rd2
IF=1mA, f=100MHz
20
rd3
IF=10mA, f=100MHz
3.8
Diode Forward Resistance
(note 1)
rd4
IF=100mA, f=100MHz
1.35
Charge Carrier Life Time
L
When switched from IF =10mA to IR=6mA;
RL=100;measured at IR =3mA
1.55
s
1.6
Series Inductance
LS
IF=10mA, f=100MHz
BAP64-04W/06W
BAP64-05W
1.4
nH
Note:
1.Guaranteed on AQL basis: inspection level S4,AQL 1.0.
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified
www.cj-elec.com
2
C,Sep,2015


Similar Part No. - BAP64-06W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP64-06W PHILIPS-BAP64-06W Datasheet
63Kb / 8P
   Silicon PIN diode
2001 Apr 17
BAP64-06W NXP-BAP64-06W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Micro Commercial Compon...
BAP64-06W MCC-BAP64-06W Datasheet
517Kb / 3P
   Low diode capacitance
BAP64-06W MCC-BAP64-06W Datasheet
299Kb / 2P
   General Purpose Pin Diodes 200mW
logo
SeCoS Halbleitertechnol...
BAP64-06WS SECOS-BAP64-06WS Datasheet
140Kb / 2P
   Small Signal General Purpose PiN Diode
More results

Similar Description - BAP64-06W

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
   Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
   PIN DIODE
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
   PIN diode
logo
AUK corp
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
   PIN DIODE
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
   PIN DIODE
logo
Solid States Devices, I...
RC0130A SSDI-RC0130A_15 Datasheet
137Kb / 2P
   PIN DIODE
logo
Rohm
RN142GT2R ROHM-RN142GT2R Datasheet
114Kb / 3P
   PIN diode
RN242CST2RA ROHM-RN242CST2RA Datasheet
330Kb / 5P
   PIN diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com