Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC3-4805DRWZ Datasheet(PDF) 1 Page - Recom International Power

Part # REC3-4805DRWZ
Description  3 Watt DIP24 & SMD Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3-4805DRWZ Datasheet(HTML) 1 Page - Recom International Power

  REC3-4805DRWZ Datasheet HTML 1Page - Recom International Power REC3-4805DRWZ Datasheet HTML 2Page - Recom International Power REC3-4805DRWZ Datasheet HTML 3Page - Recom International Power REC3-4805DRWZ Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
REC3-S_DRW
2kV, 4kVDC & 6kVDC Isolation
Industry Standard 3W DIP24 Package
Feedback Regulated Output
Continuous Short Circuit Protection
Wide Input 2:1 & 4:1
Medical Approvals (4kV/6kV Versions)
EN and UL Certificates
3 Pinout Options, 3 Case Styles
Control Pin Option
Efficiency to 86%
Features
Regulated
Converters
3 Watt
DIP24 & SMD
Single & Dual
Output
EN-60950-1 Certified
UL-60950-1 Certified
EN-60601-1 Certified
Selection Guide
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
Capacitive
DIP24 (SMD)
(VDC)
(VDC)
(mA)
(%)
Load(1)
REC3-xx3.3SRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
3.3
900
66-76
4700µF
REC3-xx05SRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
5
600
71-79
4700µF
REC3-xx09SRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
9
330
74-83
3300µF
REC3-xx12SRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
12
250
75-85
2200µF
REC3-xx15SRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
15
200
75-86
2200µF
REC3-xx05DRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
±5
±300
74-83
±2200µF
REC3-xx12DRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
±12
±125
75-85
±1000µF
REC3-xx15DRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
±15
±100
75-86
±1000µF
REC3-xx3.3SRWZ/H*
9 - 36, 18 - 72
3.3
900
77-79
4700µF
REC3-xx05SRWZ/H*
9 - 36, 18 - 72
5
600
78-80
4700µF
REC3-xx09SRWZ/H*
9 - 36, 18 - 72
9
330
80-83
3300µF
REC3-xx12SRWZ/H*
9 - 36, 18 - 72
12
250
83-85
2200µF
REC3-xx15SRWZ/H*
9 - 36, 18 - 72
15
200
83-85
2200µF
REC3-xx05DRWZ/H*
9 - 36, 18 - 72
±5
±300
77-80
±2200µF
REC3-xx12DRWZ/H*
9 - 36, 18 - 72
±12
±125
83-85
±1000µF
REC3-xx15DRWZ/H*
9 - 36, 18 - 72
±15
±100
83-85
±1000µF
H* = H2, H4 or H6 for A or C pinning options with 2kVDC, 4kVDC or 6kVDC isolation.
H* = H for B pinning option with 1.6kVDC isolation only.
Besides the standard isolation of 2kVDC, this series offers options of 4kVDC (= "/H4") or 6kVDC
(="/H6") making it suitable for medical applications and other sophisticated industrial applica-
tions. Packaging can be either DIP-24 plastic or 5-side-shielded DIP24 metal case (=option
"/M") as well as SMD pinning (= option "/SMD"). For all the above variants, 2 industry-standard
pinouts (= option "/A" or "/C") are available, and B pinning is available with 1.6kVDC isolation.
Remote on/off control is possible with the /CTRL option (A pinning only). The converters can
deliver 140% rated power for short periods of time to cope with applications with large
capacitive loads or high start up currents.
Description
2:1 Input
4:1 Input
(REC3-S/DRWH4/H6)
(REC3-S/DRWZ(H4/H6))
xx = 4.5-9Vin = 05
xx = 9-36Vin = 24
xx = 9-18Vin = 12
xx = 18-72Vin = 48
xx = 18-36Vin = 24
xx = 36-72Vin = 48
* add suffix "/A", "/A/X2", "/B"or "/C" for pinning options,
see next page and Isolation Restrictions.
* add suffix "/M" for metal case.
* add suffix "/SMD" for SMD package.
* add suffix "/CTRL" for control pin option
(A Pinning only)
* add suffix -R for Tape and Reel packaging
Isolation Restrictions
‘B” Pinning is restricted to 1.6kV isolation due
to the closeness of the input and output pins.
If the options "/M" for metal case and "/SMD"
for SMD pinout are combined, the maximum
allowed isolation voltage is 2kVDC because of
the shorter distances between pins and the
metal case.
DIP-24 through-hole case and SMD-plastic
case are not affected and offer the full isolation
barriers of 2kV through to 6kVDC.
Ordering Examples:
REC3-0512DRW/H2/A/CTRL= 2:1 input, 5V Vin, ±12V Vout, 2kVDC, pinout “A”, plastic case, control pin
REC3-4812SRWZ/H4/A/M = 4:1 input, 48V Vin, 12V Vout, 4kVDC, pinout “A”, metal case, no control pin
REC3-2412DRWZ/H/B = 4:1 input, 24V Vin, ±12V Vout, 1.6kVDC, pinout “B”, plastic case, no control pin
REC3-0505SRW/H6/C/SMD-R = 2:1 input, 5V Vin, 5V Vout, 6kVDC, SMD pinout “C”, plastic case,
no control pin, Tape and Reel packaging.
Refer to Application Notes
E-358085
RoHS
2011/65/EU
6/6
REV: 0/2015
E-141
www.recom-power.com


Similar Part No. - REC3-4805DRWZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC3-4805DRWZ RECOM-REC3-4805DRWZ Datasheet
97Kb / 3P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-4805DRWZ/H1 RECOM-REC3-4805DRWZ/H1 Datasheet
102Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-4805DRWZ/H4 RECOM-REC3-4805DRWZ/H4 Datasheet
107Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-4805DRWZ/H6 RECOM-REC3-4805DRWZ/H6 Datasheet
107Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-4805DRWZ4CM RECOM-REC3-4805DRWZ4CM Datasheet
97Kb / 3P
   3 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC3-4805DRWZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRW RECOM-REC3-123.3SRW Datasheet
102Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
RP03-2405SD RECOM-RP03-2405SD Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-1205SC RECOM-RP03-1205SC Datasheet
101Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRWH4 RECOM-REC3-123.3SRWH4 Datasheet
107Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DR RECOM-REC3-S-DR Datasheet
93Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-053.3SRW RECOM-REC3-053.3SRW_07 Datasheet
97Kb / 3P
   3 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com