Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC3-4812SRW Datasheet(PDF) 3 Page - Recom International Power

Part # REC3-4812SRW
Description  3 Watt DIP24 & SMD Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3-4812SRW Datasheet(HTML) 3 Page - Recom International Power

  REC3-4812SRW Datasheet HTML 1Page - Recom International Power REC3-4812SRW Datasheet HTML 2Page - Recom International Power REC3-4812SRW Datasheet HTML 3Page - Recom International Power REC3-4812SRW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
“C” Pinning
/H2, /H4 & /H6
REC3-S_DRW(Z)
/H* Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2412D/
H4
2415D/
H4
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2405/
H4
243.3/
H4
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
4805/
H4
483.3/
H4
Dual 4:1 Input
Single 4:1 Input
Single 4:1 Input
Typical Characteristics - Continued
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1
“A” Pinning
/H2, /H4 & /H6
Pin Connections
Pin #
Single
Single/X2
Dual
1 (option)
CTRL
CTRL
CTRL
2
–Vin
–Vin
–Vin
3
–Vin
–Vin
–Vin
9
NC
No Pin
Com
11
NC
NC
–Vout
14
+Vout
+Vout
+Vout
16
–Vout
–Vout
Com
22
+Vin
+Vin
+Vin
23
+Vin
+Vin
+Vin
NC = No Connection
CTRL Option
Vin+
0V
22,23
2,3
1
CTRL
TTL Input
1kW
RECx-xxxx/CTRL
1N4148
On
Off
ON = Open or 0V< Vctrl <1.2V
OFF = 2.2V< Vctrl <12V
Bottom View
Top View
11
9
3
2
14
16
22
23
1
15.24
2.54
1.00 ø+0.15/–0
0.51
32.00
10.20
20.30
CTRL Option
only
3.8+0.5 /-0.25
4.60
2.54
Recommended Footprint Details
1
Bottom View
Top View
12
11
10
2
13
15
23
24
15.24
2.54
1.00ø+0.15/–0
0.51
32.00
10.20
20.30
3.8+0.5 /-0.25
2.06
2.54
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
+Vin
+Vin
10
NC
Com
11
NC
Com
12
–Vout
NC
13
+Vout
–Vout
15
NC
+Vout
23
–Vin
–Vin
24
–Vin
–Vin
NC = No Connection
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
REV: 0/2015
E-143
www.recom-power.com


Similar Part No. - REC3-4812SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC3-4812SRW RECOM-REC3-4812SRW Datasheet
97Kb / 3P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-4812SRW/H1 RECOM-REC3-4812SRW/H1 Datasheet
102Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-4812SRW/H4 RECOM-REC3-4812SRW/H4 Datasheet
107Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-4812SRW/H6 RECOM-REC3-4812SRW/H6 Datasheet
107Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-4812SRW4CM RECOM-REC3-4812SRW4CM Datasheet
97Kb / 3P
   3 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC3-4812SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRW RECOM-REC3-123.3SRW Datasheet
102Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
RP03-2405SD RECOM-RP03-2405SD Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-1205SC RECOM-RP03-1205SC Datasheet
101Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRWH4 RECOM-REC3-123.3SRWH4 Datasheet
107Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DR RECOM-REC3-S-DR Datasheet
93Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-053.3SRW RECOM-REC3-053.3SRW_07 Datasheet
97Kb / 3P
   3 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com