Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC20-4815D Datasheet(PDF) 3 Page - Recom International Power

Part # REC20-4815D
Description  20 Watt Single and Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20-4815D Datasheet(HTML) 3 Page - Recom International Power

  REC20-4815D Datasheet HTML 1Page - Recom International Power REC20-4815D Datasheet HTML 2Page - Recom International Power REC20-4815D Datasheet HTML 3Page - Recom International Power REC20-4815D Datasheet HTML 4Page - Recom International Power REC20-4815D Datasheet HTML 5Page - Recom International Power REC20-4815D Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC/DC Converter
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
REC20
Series
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zerner Diode Clamp
3.4Vout
5.1Vout
12Vout
15Vout
3.9VDC typ.
6.2VDC typ.
15VDC typ.
18VDC typ.
Over Load Protection (OLP)
140% typ.
Isolation Voltage
I/P to O/P
1.6kVDC / 1 minute
Isolation Capacitance
1000pF typ.
Isolation Resistance
1G
Ω min.
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating
-40°C to +100°C
Maximum Case Temperature
+100°C
Temperatur Coefficient
0.05%/°C typ.
Thermal Impedance
natural convection
12°C/W
Operating Altitude
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
Vibration
MIL-STD-202G
MTBF
according to MIL-HDBK-217F, 25°C, referring to REC20-125.1S
607 x 10³ hours
continued on next page
ECO-3
REV.: 1/2016
www.recom-power.com
Deviation vs. Load
REC20-485.1S
REC20-2415S
36V
48V
75V
Output Current (A)
0
0.10
0
0.30
0.20
0.40
0.60
0.50
0.70
1
2
2
3
4
6
5
5
18V
24V
36V
Output Current (A)
0
0
0.10
0.05
0.20
0.15
0.25
0.30
0.35
0.40
0.13 0.27 0.40 0.54 0.67 0.80
1.34
0.94 1.07 1.21


Similar Part No. - REC20-4815D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC20-4815D RECOM-REC20-4815D Datasheet
360Kb / 6P
   Continuous Short Circuit Protection
REC20-4815DRWB RECOM-REC20-4815DRWB Datasheet
106Kb / 4P
   20 Watt 2 inch x 2 inch Single & Dual Output
REC20-4815DRWB RECOM-REC20-4815DRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
REC20-4815DRWBH RECOM-REC20-4815DRWBH Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
REC20-4815DRWBZ RECOM-REC20-4815DRWBZ Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
More results

Similar Description - REC20-4815D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
RP20-F RECOM-RP20-F Datasheet
489Kb / 8P
   20 Watt Single & Dual Output
RP20-FW RECOM-RP20-FW Datasheet
467Kb / 7P
   20 Watt Single & Dual Output
RP20-2433SEW RECOM-RP20-2433SEW Datasheet
96Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW_17 Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com