Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC30-483.4S Datasheet(PDF) 3 Page - Recom International Power

Part # REC30-483.4S
Description  30 Watt Single and Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC30-483.4S Datasheet(HTML) 3 Page - Recom International Power

  REC30-483.4S Datasheet HTML 1Page - Recom International Power REC30-483.4S Datasheet HTML 2Page - Recom International Power REC30-483.4S Datasheet HTML 3Page - Recom International Power REC30-483.4S Datasheet HTML 4Page - Recom International Power REC30-483.4S Datasheet HTML 5Page - Recom International Power REC30-483.4S Datasheet HTML 6Page - Recom International Power REC30-483.4S Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DC/DC Converter
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
REC30
Series
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zener Diode Clamp
3.4Vout
5.1Vout
12Vout
15Vout
4VDC typ.
6.2VDC typ.
15VDC typ.
18VDC typ.
Over Load Protection (OLP)
180% typ.
Isolation Voltage
I/P to O/P
1.6kVDC / 1 minute
Isolation Capacitance
3300pF typ.
Isolation Resistance
1G
Ω min.
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating
-40°C to +85°C
Maximum Case Temperature
+105°C
Temperatur Coefficient
±0.05%/°C
Thermal Impedance
natural convection
8°C/W
Operating Altitude
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
Vibration
MIL-STD-202G
MTBF
according to MIL-HDBK-217F, 25°C
529 x 103 hours
continued on next page
ECO-3
REV.: 1/2016
www.recom-power.com
Deviation vs. Load
36V
48V
75V
Output Current (A)
0
0.20
0.24
0.22
0.28
0.26
0.30
0.34
0.32
0.36
1
2
3
4
6
5
18V
24V
36V
Output Current (A)
0
-0.60
-0.40
-0.50
-0.20
-0.30
-0.10
0
0.10
0.20
0.1
0.2
0.3
0.4
0.5
0.6
1.0
0.7
0.8
0.9
REC30-485.1S
REC30-2415D


Similar Part No. - REC30-483.4S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC30-483.4S RECOM-REC30-483.4S Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
REC30-483.4SZ RECOM-REC30-483.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
REC30-483.4SZ RECOM-REC30-483.4SZ Datasheet
343Kb / 6P
   External ON/OFF control
More results

Similar Description - REC30-483.4S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com