Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REDIN60-24 Datasheet(PDF) 2 Page - Recom International Power

Part # REDIN60-24
Description  60 Watt DIN-Rail Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN60-24 Datasheet(HTML) 2 Page - Recom International Power

  REDIN60-24 Datasheet HTML 1Page - Recom International Power REDIN60-24 Datasheet HTML 2Page - Recom International Power REDIN60-24 Datasheet HTML 3Page - Recom International Power REDIN60-24 Datasheet HTML 4Page - Recom International Power REDIN60-24 Datasheet HTML 5Page - Recom International Power REDIN60-24 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
REGULATION
Parameter
Condition
Value
Line Voltage Regulation
±0.1 typ. / ±1% max.
Load Voltage Regulation
±0.1 typ. / ±1% max.
Transient Response (3)
Dwell Time
Slew Rate
12Vout (step load change: 2.5A - 5.0A)
24Vout (step load change: 1.25A - 2.5A)
±5% typ.
±5% typ.
100Hz & 1kHz 50% duty
0.5A / µs
AC/DC Converter
PA-2
REV.: 3/2016
www.recom-power.com
Efficiency vs. Load
Vadj. Derating
Specifications (measured at TA= 25°C, 230VAC, full load and after warm up)
PROTECTION
Parameter
Condition
Value
Input Fuse
T2.5A, slow blow type
Short Circuit Protection (SCP)
Hiccup
auto-recovery after fault condition
Over Voltage Protection (OVP)
12Vout
24Vout
18VDC max., shut-down latch-off o/p voltage, re-power on to recover
35VDC max., shut-down latch-off o/p voltage, re-power on to recover
Over Current Protection (OCP)
150% typ., auto-recovery after fault condition
Over Temperature Protection (OTP)
detect on inside ambient
105°C±5%, shut-down latch-off o/p voltage, re-power on to recover
Isolation Voltage
I/P to O/P
I/P to FG
O/P to FG
3.75kVAC / 1 minute
1.88kVAC / 1 minute
0.5kVAC / 1 minute
Isolation Resistance
500VDC, 70% RH, I/P to O/P; I/P to FG; O/P to FG
100M
W min.
Leakage Current
240VAC
>1mA
Power OK LED
Relay Contacts
LED/Relay
1A, 30VDC / 120VAC
ON if Vout = 11-16V (12V) / 22-30V (24V)
REDIN60
Series
REDIN60-12
REDIN60-24
0
10
20
30
40
1
2
3
4
5
0
Load (A)
90
70
80
60
85VAC
115VAC
230VAC
264VAC
50
0
10
20
30
40
0.5
1
1.5
2
2.5
0
Load (A)
90
70
80
60
50
85VAC
115VAC
230VAC
264VAC
12
(24)
60W max.
15
(28)
Vadj.
80
100
Output Voltage (V)
Notes:
Note3:
Transient Response + E-CAP loading 3300
µF. Other specs with resistive load only.


Similar Part No. - REDIN60-24

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REDIN120 RECOM-REDIN120 Datasheet
2Mb / 8P
   DC OK Indicator LED with Relay Contacts
REDIN120-12 RECOM-REDIN120-12 Datasheet
2Mb / 8P
   DC OK Indicator LED with Relay Contacts
REDIN120-24 RECOM-REDIN120-24 Datasheet
2Mb / 8P
   DC OK Indicator LED with Relay Contacts
REDIN120-24/3AC RECOM-REDIN120-24/3AC Datasheet
608Kb / 8P
   120 Watt 3 Phase DIN-Rail Power Supply
REDIN120-3AC RECOM-REDIN120-3AC Datasheet
608Kb / 8P
   120 Watt 3 Phase DIN-Rail Power Supply
More results

Similar Description - REDIN60-24

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REDIN480 RECOM-REDIN480 Datasheet
551Kb / 7P
   480 Watt DIN-Rail Power Supply
REDIN45 RECOM-REDIN45 Datasheet
621Kb / 6P
   45 Watt DIN-Rail Power Supply
REDIN480-3AC RECOM-REDIN480-3AC Datasheet
638Kb / 8P
   480 Watt 3 Phase DIN-Rail Power Supply
REDIN240-3AC RECOM-REDIN240-3AC Datasheet
617Kb / 8P
   240 Watt 3 Phase DIN-Rail Power Supply
REDIN960-3AC RECOM-REDIN960-3AC Datasheet
625Kb / 8P
   960 Watt 3 Phase DIN-Rail Power Supply
REDIN120-3AC RECOM-REDIN120-3AC Datasheet
608Kb / 8P
   120 Watt 3 Phase DIN-Rail Power Supply
logo
Advantech Co., Ltd.
PSD-A60W ADVANTECH-PSD-A60W Datasheet
456Kb / 2P
   60 Watts Compact Size DIN-Rail Power Supply
10-Jul-2018
logo
Delta Electronics, Inc.
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
   DIN RAIL POWER SUPPLY
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
   DIN Rail Power Supply
logo
Arch Electronics Corp.
ANCA-DN_SERIES ARCH-ANCA-DN_SERIES Datasheet
187Kb / 3P
   Din Rail Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com