Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFMA260 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # HFMA260
Description  Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 2.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HFMA260 Datasheet(HTML) 7 Page - Leshan Radio Company

  HFMA260 Datasheet HTML 1Page - Leshan Radio Company HFMA260 Datasheet HTML 2Page - Leshan Radio Company HFMA260 Datasheet HTML 3Page - Leshan Radio Company HFMA260 Datasheet HTML 4Page - Leshan Radio Company HFMA260 Datasheet HTML 5Page - Leshan Radio Company HFMA260 Datasheet HTML 6Page - Leshan Radio Company HFMA260 Datasheet HTML 7Page - Leshan Radio Company HFMA260 Datasheet HTML 8Page - Leshan Radio Company HFMA260 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
标题Titile:
C. 标签要求label spec:
LRC标签label
ROHS标签
无卤标签 HF label
所有标签贴在卷盘负极 all the label on cathode side
overseas
13"卷盘内盒inner box
A处:贴LRC标签;
B处:贴ROHS标签
C处:贴无卤标签HF label
(无卤产品才贴HF only)
第 5
7"卷盘盒 inner box
Packaging specification of SMD
文件编号:
WI-258
塑封生产线SMD产品包装规范
第 3 版
第 0 次修改
2.2 国外客户
A
A
******
******
******
******
LRC产品型号 type
产品数量 quantity
产品生产日期
date
产品批号 LOT
Green
C
C
C


Similar Part No. - HFMA260

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HFMA210 LRC-HFMA210 Datasheet
183Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 2.0A
HFMA290 LRC-HFMA290 Datasheet
183Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers
HFMA290 LRC-HFMA290_15 Datasheet
183Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers
More results

Similar Description - HFMA260

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HFMA210 LRC-HFMA210 Datasheet
183Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 2.0A
HFMAF290 LRC-HFMAF290 Datasheet
241Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 2.0A
HFMAF210 LRC-HFMAF210 Datasheet
241Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 2.0A
HFMBF208 LRC-HFMBF208 Datasheet
217Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
HFM201 LRC-HFM201 Datasheet
188Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
HFMBF201 LRC-HFMBF201 Datasheet
217Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
HFMAF101 LRC-HFMAF101 Datasheet
241Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
HFMAF109 LRC-HFMAF109 Datasheet
241Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
S2A LRC-S2A Datasheet
291Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF207 LRC-FMAF207 Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com