Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFMAF230 Datasheet(PDF) 9 Page - Leshan Radio Company

Part # HFMAF230
Description  Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 2.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HFMAF230 Datasheet(HTML) 9 Page - Leshan Radio Company

  HFMAF230 Datasheet HTML 1Page - Leshan Radio Company HFMAF230 Datasheet HTML 2Page - Leshan Radio Company HFMAF230 Datasheet HTML 3Page - Leshan Radio Company HFMAF230 Datasheet HTML 4Page - Leshan Radio Company HFMAF230 Datasheet HTML 5Page - Leshan Radio Company HFMAF230 Datasheet HTML 6Page - Leshan Radio Company HFMAF230 Datasheet HTML 7Page - Leshan Radio Company HFMAF230 Datasheet HTML 8Page - Leshan Radio Company HFMAF230 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
4. Update Record
版次
1
更新记录
更新作者
更新日期
HFMAF210 thru HFMAF290
第一版
周杰
2014.04.29


Similar Part No. - HFMAF230

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HFMAF210 LRC-HFMAF210 Datasheet
241Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 2.0A
HFMAF290 LRC-HFMAF290_15 Datasheet
241Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers
More results

Similar Description - HFMAF230

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HFMA210 LRC-HFMA210 Datasheet
183Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 2.0A
HFMA290 LRC-HFMA290 Datasheet
183Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 2.0A
HFMAF210 LRC-HFMAF210 Datasheet
241Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 2.0A
HFMBF208 LRC-HFMBF208 Datasheet
217Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
HFM201 LRC-HFM201 Datasheet
188Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
HFMBF201 LRC-HFMBF201 Datasheet
217Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
HFMAF101 LRC-HFMAF101 Datasheet
241Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
HFMAF109 LRC-HFMAF109 Datasheet
241Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
S2A LRC-S2A Datasheet
291Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF207 LRC-FMAF207 Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com