Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC05-15DC Datasheet(PDF) 1 Page - Recom International Power

Part # RAC05-15DC
Description  5 Watt Single / Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC05-15DC Datasheet(HTML) 1 Page - Recom International Power

  RAC05-15DC Datasheet HTML 1Page - Recom International Power RAC05-15DC Datasheet HTML 2Page - Recom International Power RAC05-15DC Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5 Watt
Single / Dual
Output
Universal Input 80-264VAC
High efficiency up to 77%
Isolated Output 3kVAC / 1 min
Short Circuit Protection
Meet EN55022 Class B
Low Standby Power Consumption
Features
Regulated
Converters
Selection Guide
Input Voltage Range (with derating)
80-264VAC or 115-370VDC
Rated Power
5 Watts max.
Input Frequency (for AC Input)
47-440Hz
Input Current (Full Load)
115VAC / 230VAC
110mA / 70mA typ.
Inrush Current (<2ms)
115VAC / 230VAC
30A / 60A max.
Minimum Load (Specifications valid with 5% min.)
0%
No Load Power Consumption
0.25W max.
Recommended External Input Fuse
1.5A / Slow Blow Type
Output Voltage Accuracy (Full Load)
115VAC / 230VAC
±2% max.
Line Voltage Regulation (Full Load)
LL-HL
±0.3% typ.
Load Voltage Regulation
5-100% Load
±0.5% typ.
Output Ripple&Noise @115/230VAC
3.3V
120mV max.
(20MHz limited with 100nF across output)
All Others
150mV max.
Switching Frequency (Full Load)
132kHz typ.
Efficiency (Full Load)
see Selection Guide
Hold-Up Time (Full Load)
115VAC
10ms typ.
Leakage Current
0.85mA max.
Isolation Voltage
Input-Output
3kVAC / 1minute
Isolation Capacitance
Input-Output
1000pF typ.
Isolation Resistance
Input-Output
1G
Ω min.
Short Circuit Protection
Hiccup, Automatic Restart
Overvoltage Protection
3.3V
4.8 V- 5.4V
(of Nominal Output Voltage)
All Others
110% - 135%
Over Voltage Category
OVC II
Operating Temperature Range (3)
-25°C to +55°C (without Derating)
(Natural Convection)
-25°C to +75°C (with Derating)
Storage Temperature Range
-40°C to +100°C
Case Material
UL94V-0 Black Plastic
continued on the next page
Specifications (measured at TA 25°C, full load after warm-up)
POWERLINE
AC/DC-Converter
with 3 year Warranty
EN-60950-1 Certified
UL-60950-1 Certified
RAC05-C
100
60
40
0
80
Ambient Temperature Range (°C)
-25
20
0
40
60
80
100
Safe Operating Area
75
55
30
Part
Input
Output
Output
Max.
Number
Voltage
Voltage
Current
Efficiency
Capacitive
(VAC)
(VDC)
(max.)
(Typ.)
Load
(1+2)
RAC05-3.3SC*
80-264
3.3
1250
70
12000µF
RAC05-05SC*
80-264
5
1000
73
6800µF
RAC05-09SC*
80-264
9
556
75
2500µF
RAC05-12SC*
80-264
12
420
76
1500µF
RAC05-15SC*
80-264
15
340
76
750µF
RAC05-24SC*
80-264
24
210
77
330µF
RAC05-05DC*
80-264
±5
±500
73
±3000µF
RAC05-12DC*
80-264
±12
±210
76
±560µF
RAC05-15DC*
80-264
±15
±170
76
±220µF
* add suffix /W for wired version
Description
Compact, low cost, high efficiency, universal input switching AC/DC
power module for PCB or wired mounting with single or dual outputs.
CE marked and UL/cUL certified.
E224736
RoHS
2011/65/EU
6/6
Refer to Application Notes
Derating-Graph
(Ambient Temperature)
PA-30
www.recom-power.com
REV: 0/2015


Similar Part No. - RAC05-15DC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC05-15DC RECOM-RAC05-15DC Datasheet
101Kb / 3P
   5 Watt Single / Dual Output
More results

Similar Description - RAC05-15DC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC05-3.3SA RECOM-RAC05-3.3SA Datasheet
87Kb / 2P
   5 Watt Single & Dual Output
RAC05-S-DC RECOM-RAC05-S-DC Datasheet
101Kb / 3P
   5 Watt Single / Dual Output
RAC05-S-DA RECOM-RAC05-S-DA Datasheet
137Kb / 2P
   5 Watt Single/Dual Output
R5M RECOM-R5M Datasheet
779Kb / 5P
   5 Watt SMD Single & Dual Output
REV.: 0/2023
REC5-123.3SRWH4 RECOM-REC5-123.3SRWH4 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
REC5-053.3SRW-H RECOM-REC5-053.3SRW-H Datasheet
120Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-XX3.3SRWH RECOM-REC5-XX3.3SRWH Datasheet
134Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-123.3SRW RECOM-REC5-123.3SRW Datasheet
102Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
RP05-1233SA RECOM-RP05-1233SA Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com