Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRS1B Datasheet(PDF) 3 Page - Leshan Radio Company

Part # DRS1B
Description  Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

DRS1B Datasheet(HTML) 3 Page - Leshan Radio Company

  DRS1B Datasheet HTML 1Page - Leshan Radio Company DRS1B Datasheet HTML 2Page - Leshan Radio Company DRS1B Datasheet HTML 3Page - Leshan Radio Company DRS1B Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5.Package Dimensions in inches and (millmeters)
Min.
Max.
Min.
Max.
A
0.189
0.213
4.8
5.4
B
0.075
0.098
1.9
2.5
C
0.031
0.055
0.8
1.4
D
0.091
0.114
2.3
2.9
E
0.059
0.098
1.5
2.5
inches
mm
Dimensions
Note:
DO-214AC
molded plastic case
The marking band indicates the
cathode
Package outline
LESHAN RADIO COMPANY, LTD.
3/
3


Similar Part No. - DRS1B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
DRS1B TAYCHIPST-DRS1B Datasheet
4Mb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
Leshan Radio Company
DRS1B LRC-DRS1B Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1B LRC-DRS1B Datasheet
212Kb / 4P
   Surface Mount Fast Recovery RectifiersReverse Voltage 50 to 1000V Forward Current 1.0A
DRS1B LRC-DRS1B Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
AiT Semiconductor Inc.
DRS1BF AITSEMI-DRS1BF Datasheet
579Kb / 5P
   FAST RECOVERY RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.1
More results

Similar Description - DRS1B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DRS1K LRC-DRS1K Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1A LRC-DRS1A Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SODF107-SH LRC-SODF107-SH Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF107 LRC-FFMAF107 Datasheet
248Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SODF101-SH LRC-SODF101-SH Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
1F1 LRC-1F1_14 Datasheet
225Kb / 7P
   Fast Recovery ectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
   Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1G LRC-DRS1G Datasheet
212Kb / 4P
   Surface Mount Fast Recovery RectifiersReverse Voltage 50 to 1000V Forward Current 1.0A
FFM101 LRC-FFM101_14 Datasheet
71Kb / 4P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Rugao Dachang Electroni...
RGP10A DACHANG-RGP10A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com