Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB8.2A Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # P6SMB8.2A
Description  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

P6SMB8.2A Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  P6SMB8.2A Datasheet HTML 1Page - Bourns Electronic Solutions P6SMB8.2A Datasheet HTML 2Page - Bourns Electronic Solutions P6SMB8.2A Datasheet HTML 3Page - Bourns Electronic Solutions P6SMB8.2A Datasheet HTML 4Page - Bourns Electronic Solutions P6SMB8.2A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
P6SMBTransientVoltageSuppressorDiodeSeries
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Notes:
1. Suffix ‘A’ denotes a 5 % tolerance unidirectional device.
2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device.
3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double.
Unidirectional Device
Bidirectional Device
Breakdown Voltage
VBR (Volts)
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage
@ VRWM
Maximum
Reverse
Voltage
@ IRSM
Maximum
Reverse
Surge
Current
Part No.
Marking
Part No.
Marking
Min.
Max. @ IT (mA) VRWM (V) IR (μA)
VRSM (V)
IRSM (A)
P6SMB6.8A
6V8A
P6SMB6.8CA
6V8C
6.45
7.14
10
5.8
1000
10.5
58.1
P6SMB7.5A
7V5A
P6SMB7.5CA
7V5C
7.13
7.88
10
6.4
500
11.3
54
P6SMB8.2A
8V2A
P6SMB8.2CA
8V2C
7.79
8.61
10
7.02
200
12.1
50.4
P6SMB9.1A
9V1A
P6SMB9.1CA
9V1C
8.65
9.55
1
7.78
50
13.4
45.5
P6SMB10A
10A
P6SMB10CA
10C
9.5
10.5
1
8.55
10
14.5
42.1
P6SMB11A
11A
P6SMB11CA
11C
10.5
11.6
1
9.4
5
15.6
39.1
P6SMB12A
12A
P6SMB12CA
12C
11.4
12.6
1
10.2
5
16.7
36.5
P6SMB13A
13A
P6SMB13CA
13C
12.4
13.7
1
11.1
1
18.2
33.5
P6SMB15A
15A
P6SMB15CA
15C
14.3
15.8
1
12.8
1
21.2
28.8
P6SMB16A
16A
P6SMB16CA
16C
15.2
16.8
1
13.6
1
22.5
27.1
P6SMB18A
18A
P6SMB18CA
18C
17.1
18.9
1
15.3
1
25.5
24.2
P6SMB20A
20A
P6SMB20CA
20C
19
21
1
17.1
1
27.7
22
P6SMB22A
22A
P6SMB22CA
22C
20.9
23.1
1
18.8
1
30.6
19.9
P6SMB24A
24A
P6SMB24CA
24C
22.8
25.2
1
20.5
1
33.2
18.4
P6SMB27A
27A
P6SMB27CA
27C
25.7
28.4
1
23.1
1
37.5
16.3
P6SMB30A
30A
P6SMB30CA
30C
28.5
31.5
1
25.6
1
41.4
14.7
P6SMB33A
33A
P6SMB33CA
33C
31.4
34.7
1
28.2
1
45.7
13.3
P6SMB36A
36A
P6SMB36CA
36C
34.2
37.8
1
30.8
1
49.9
12.2
P6SMB39A
39A
P6SMB39CA
39C
37.1
41
1
33.3
1
53.9
11.3
P6SMB43A
43A
P6SMB43CA
43C
40.9
45.2
1
36.8
1
59.3
10.3
P6SMB47A
47A
P6SMB47CA
47C
44.7
49.4
1
40.2
1
64.8
9.4
P6SMB51A
51A
P6SMB51CA
51C
48.5
53.6
1
43.6
1
70.1
8.7
P6SMB56A
56A
P6SMB56CA
56C
53.2
58.8
1
47.8
1
77
7.9
P6SMB62A
62A
P6SMB62CA
62C
58.9
65.1
1
53
1
85
7.2
P6SMB68A
68A
P6SMB68CA
68C
64.6
71.4
1
58.1
1
92
6.6
P6SMB75A
75A
P6SMB75CA
75C
71.3
78.8
1
64.1
1
103
5.9
P6SMB82A
82A
P6SMB82CA
82C
77.9
86.1
1
70.1
1
113
5.4
P6SMB91A
91A
P6SMB91CA
91C
86.5
95.5
1
77.8
1
125
4.9
P6SMB100A
100A
P6SMB100CA
100C
95
105
1
85.5
1
137
4.5
P6SMB110A
110A
P6SMB110CA
110C
105
116
1
94
1
152
4
P6SMB120A
120A
P6SMB120CA
120C
114
126
1
102
1
165
3.7
P6SMB130A
130A
P6SMB130CA
130C
124
137
1
111
1
179
3.4
P6SMB150A
150A
P6SMB150CA
150C
143
158
1
128
1
207
2.9
P6SMB160A
160A
P6SMB160CA
160C
152
168
1
136
1
219
2.8
P6SMB170A
170A
P6SMB170CA
170C
162
179
1
145
1
234
2.6
P6SMB180A
180A
P6SMB180CA
180C
171
189
1
154
1
246
2.5
P6SMB200A
200A
P6SMB200CA
200C
190
210
1
171
1
274
2.2
P6SMB220A
220A
P6SMB220CA
220C
209
231
1
185
1
328
1.9
P6SMB250A
250A
P6SMB250CA
250C
237
263
1
214
1
344
1.8
P6SMB300A
300A
P6SMB300CA
300C
285
315
1
256
1
414
1.5
P6SMB350A
350A
P6SMB350CA
350C
332
368
1
300
1
482
1.3
P6SMB400A
400A
P6SMB400CA
400C
380
420
1
342
1
548
1.1
P6SMB440A
440A
P6SMB440CA
440C
418
462
1
376
1
602
1
P6SMB480A
480A
P6SMB480CA
480C
456
504
1
408
1
658
0.9
P6SMB510A
510A
P6SMB510CA
510C
485
535
1
434
1
698
0.9
P6SMB530A
530A
P6SMB530CA
530C
503.5
556.5
1
477
1
725
0.8
P6SMB540A
540A
P6SMB540CA
540C
513
567
1
486
1
740
0.8
P6SMB550A
550A
P6SMB550CA
550C
522.5
577.5
1
495
1
760
0.8


Similar Part No. - P6SMB8.2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6SMB8.2A VISHAY-P6SMB8.2A Datasheet
96Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
logo
Central Semiconductor C...
P6SMB8.2A CENTRAL-P6SMB8.2A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Microdiode Electronics ...
P6SMB8.2A CHENDA-P6SMB8.2A Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
EIC discrete Semiconduc...
P6SMB8.2A EIC-P6SMB8.2A Datasheet
70Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SHIKUES Electronics
P6SMB8.2A SKTECHNOLGY-P6SMB8.2A Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
More results

Similar Description - P6SMB8.2A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com