Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4937S Datasheet(PDF) 1 Page - Leshan Radio Company

Part # 1N4937S
Description  Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4937S Datasheet(HTML) 1 Page - Leshan Radio Company

  1N4937S Datasheet HTML 1Page - Leshan Radio Company 1N4937S Datasheet HTML 2Page - Leshan Radio Company 1N4937S Datasheet HTML 3Page - Leshan Radio Company 1N4937S Datasheet HTML 4Page - Leshan Radio Company 1N4937S Datasheet HTML 5Page - Leshan Radio Company 1N4937S Datasheet HTML 6Page - Leshan Radio Company 1N4937S Datasheet HTML 7Page - Leshan Radio Company 1N4937S Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Feature & Dimensions
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Diffused junction
* Capable of meeting environmental standards of MIL-S-19500
* 1.0 A operation at TC=75°C with no thermal runaway
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case
: JEDEC A-405, molded plastic body
Terminals
: Plated axial leads, solderable per
We declare that the material of product compliance
MIL-STD-750, Method 2026
with ROHS requirements
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.012 oz., 0.284 g
Handling precautin
:None
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol
1N
4933
1N
4934
1N
4935
1N
4936
1N
4937
Unit
1N
4933
1N
4934
1N
4935
1N
4936
1N
4937
VRRM
50
100
200
400
600
V
VRMS
35
70
140
280
420
V
VDC
50
100
200
400
600
V
IF(AV)
A
IFSM
A
IR(AV)
µA
RθJA
°C/W
TJ,
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol
1N
4933
1N
4934
1N
4935
1N
4936
1N
4937
Unit
VF
V
IR
µA
trr
ns
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
1.2
5.0
100
150
Fast Switching Rectifiers
Reverse Voltage 50 to 600V Forward Current 1.0A
Parameter Symbol
15
100
60
1.0
30
–50 to +150
Marking spec
Maximum RMS voltage
Maximum DC blocking voltage
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage Tj = 125°C
Maximum average forward rectified current
0.375" (9.5mm) lead length at TC = 75°C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55°C
Typical thermal resistance (Note 2)
1N4933S thru 1N4937S
Typical reverse recovery time (Note 1)
Typical junction capacitance at 4.0V, 1MHz
Operating junction and storage temperature range
Parameter Symbol
Maximum instantaneous forward voltage at 1.0A
Maximum repetitive peak reverse voltage


Similar Part No. - 1N4937S

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N4937S SEMTECH_ELEC-1N4937S Datasheet
151Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4937S CTC-1N4937S Datasheet
48Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Frontier Electronics.
1N4937S FRONTIER-1N4937S Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
logo
Compact Technology Corp...
1N4937S CTC-1N4937S Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1N4937S LRC-1N4937S_15 Datasheet
238Kb / 8P
   Fast Switching Rectifiers
More results

Similar Description - 1N4937S

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
FR105 LRC-FR105 Datasheet
199Kb / 7P
   Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A Fast Switching Rectifiers
1E5 LRC-1E5_15 Datasheet
219Kb / 7P
   Reverse Voltage 50 to 600V Forward Current 1.0A
1E1 LRC-1E1 Datasheet
219Kb / 7P
   Fast Recovery ectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA160 LRC-LUMA160 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
   Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SF11G LRC-SF11G Datasheet
241Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Rugao Dachang Electroni...
SF11 DACHANG-SF11 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com